Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 84 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 80Page - Texas Instruments TLK6002 Datasheet HTML 81Page - Texas Instruments TLK6002 Datasheet HTML 82Page - Texas Instruments TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
TLK6002
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
www.ti.com
–
Write 1’b1 to 4.3 DATAPATH_RESET
•
Enable Test Pattern Verification:
–
Write 1’b1 to 7.12 TP_VERIFY_EN
•
The pattern verification is now in progress.
•
PRBSA_PASS contains a real time output that when low indicates the input PRBS pattern on RXAP/N
contains error.
•
PRBSB_PASS contains a real time output that when low indicates the input PRBS pattern on RXBP/N
contains error.
•
The following steps can be performed if the number of errors needs to be monitored:
–
Read 14.15:0 ERROR_COUNTER[15:0] and discard the value.
–
Read 14.15:0 ERROR_COUNTER[15:0], and verify 16’h0000 is read to confirm error free
operation. (as many times as desired during the duration of the test period)
4.19.2.2 27-1 / 223-1 / 231-1 PRBS Pin Based Testing
•
Note: PRBS TX does not support eighth rate mode.
•
Device Pin Setting(s):
–
Ensure PRBS_EN primary input pin is high.
–
PRBS Selection
•
PRBS 231-1 will be selected by default.
•
Reset Device:
–
Issue a hard or soft reset (RESET_N asserted –or- Write 1 to 0.15 GLOBAL_RESET)
•
Select SERDES Reference Clock Input:
–
If REFCLK_0_P/N used - Ensure REFCLK_A_SEL (or REFCLK_B_SEL if channel B is used)
primary input pin is low
–
If REFCLK_1_P/N used - Ensure REFCLK_A_SEL (or REFCLK_B_SEL if channel B is used)
primary input pin is high
•
Ensure a legal reference clock operation frequency is selected based on Appendix B (Continuous Rate
Device Configuration), and provision CHANNEL_CONTROL_1 register accordingly. (Note: Eighth
Rate TX Is Not Supported).
•
Serial Configuration
–
Configure the following bits per the desired application:
•
1.9:8 (LOOP_BANDWIDTH[1:0])
•
2.12:8 (TWPOST1[4:0])
•
2.7:4 (TWPRE[3:0])
•
2.3:0 (SWING[3:0])
•
8.14:12 (EQPRE[2:0])
•
8.11:10 (CDRTHR[1:0]) = 2’b01
•
8.9:8 (CDRFMULT[1:0]) = 2’b00
•
1.3:0 PLL_MULT[3:0]
•
1.7:6 RATE_TX[1:0]
•
1.5:4 RATE_RX[1:0]
•
Check SERDES PLL Status for Locked State
–
Poll 5.0 PLL_LOCK (per channel) until it is asserted (high).
•
Toggle ENRX
–
Write 1’b0 to 20.2 (ENRX)
–
Write 1’b1 to 20.2 (ENRX)
•
Select Test Pattern if either 27-1 or 223-1 PRBS Pattern is desired. Skip this step if 231-1 PRBS
Pattern is desired.
84
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com