Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 41 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
32"1's"
0
1
Pu1
PA4
PA0
D15
D0
1
0
0
Idle
1
Start
Read
Code
PHY
Addr
Turn
Around
Data
REG
Addr
RA4
RA0
Preamble
MDC
MDIO
32 "1's"
0
1
1
PA[4:0]
D15
D0
0
1
0
Idle
1
Start
Write
Code
PHY
Addr
Turn
Around
Data
REG
Addr
RA4
RA0
Preamble
MDC
MDIO
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 2-10. MDIO Related Signals
SIGNAL
TYPE
DESCRIPTION
LVCMOS
MDC
1.5V/1.8V
Management Interface Clock. This clock is used to sample the MDIO signal.
Input VDDO3
LVCMOS
Management Interface Data. Bidirectional data line for MDIO Port is sampled on the rising edge of MDC.
1.5V/1.8V
MDIO
THIS SIGNAL MUST BE EXTERNALLY PULLED UP TO VDDO3. Consult IEEE802.3 Clause 22 for an appropriate
Input/OutputVDDO3
resistance value.
LVCMOS
Port Address. Used to select the Port ID in Clause 22 MDIO mode.
1.5V/1.8V
PRTAD[4:1] selects a block of two sequential Clause 22 port addresses. Each channel is implemented as a different port
Input
address, and can be accessed by setting the appropriate port address field within the Clause 22 MDIO transaction.
VDDO2/ VDDO1/
VDDO1/ VDDO1/
PRTAD[4:0]
PRTAD[0] is not used functionally, but is needed for device testability with other devices in the family of products.
VDDO1
Channel A responds to port address 0 within the block of two port addresses.
Channel B responds to port address 1 within the block of two port addresses.
It is possible for 16 TLK6002 devices to logically share an MDIO bus.
In Clause 22, the top 4 control pins PRTAD[4:1] determine the device port address. In this mode the 2
individual channels in TLK6002 are classified as 2 different ports. So for any PRTAD[4:1] value there will
be 2 ports per TLK6002.
TLK6002 will respond if the 4 MSB's of PHY address field on MDIO protocol (PA[4:1]) matches
PRTAD[4:1]. The LSB of PHY address field (PA[0]) will determine which channel/port within TLK6002 to
respond to.
If PA[0] = 1b0, TLK6002 Channel A will respond.
If PA[0] = 1b1, TLK6002 Channel B will respond.
Write transactions which address an invalid register or device or a read only register will be ignored. Read
transactions which address an invalid register will return a 0.
MDIO Protocol Timing:
The Clause 22 timing required to read from the internal registers is shown in Figure 2-9. The Clause 22
timing required to write to the internal registers is shown in Figure 2-10.
(1)
Note that the 1 in the Turn Around section is externally pulled up, and driven to Z by TLK6002.
Figure 2-15. CL22 – Management Interface Read Timing
Figure 2-16. CL22 – Management Interface Write Timing
Copyright © 2010, Texas Instruments Incorporated
Description
41
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com