Electronic Components Datasheet Search
  English  ▼

X  

TLK6002 Datasheet(PDF) 59 Page - Texas Instruments

Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLK6002 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
TLK6002
www.ti.com
SLLSE34A – MAY 2010 – REVISED AUGUST 2010
Table 3-28. TI_RESERVED_CONTROL_5
Address: 0x17
Default: 0x0008
BIT(s)
NAME
DESCRIPTION
ACCESS
23.15
RESERVED
For TI use only
23.14
RESERVED
For TI use only
23.13:8
RESERVED
For TI use only
N/A
23.7:5
RESERVED
For TI use only
23.3
RESERVED
For TI use only
Table 3-29. TI_RESERVED_STATUS_1
Address: 0x18
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
24.13
RESERVED
For TI use only
24.12
RESERVED
For TI use only
24.9:4
RESERVED
For TI use only
24.3
RESERVED
For TI use only
N/A
24.2
RESERVED
For TI use only
24.1
RESERVED
For TI use only
24.0
RESERVED
For TI use only
Table 3-30. TI_RESERVED_CONTROL_6
Address: 0x19
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
25.6
RESERVED
For TI use only
25.5:4
RESERVED
For TI use only
N/A
25.3:0
RESERVED
For TI use only
Table 3-31. TI_RESERVED_CONTROL_7
Address: 0x1A
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
26.15:0
RESERVED
For TI use only
N/A
Table 3-32. TI_RESERVED_STATUS_2
Address: 0x1B
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
27.15:0
RESERVED
For TI use only
N/A
Table 3-33. TI_CONTROL_8
Address: 0x1C
Default: 0x0001
BIT(s)
NAME
DESCRIPTION
ACCESS
Enable CLK_OUT_P/N output
28.14
CLKOUT_OBS_EN
0 = Disable clock out observe mode (Default 1'b0)
RW
1 = Enable clock out observe mode
28.13
RESERVED
For TI use only
28.12
RESERVED
For TI use only
28.8
RESERVED
For TI use only
N/A
28.7:4
RESERVED
For TI use only
28.0
RESERVED
For TI use only
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
59
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com