Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 119 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 119 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 316 page
background image
ST7789VI
Version 1.4
Page 119 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Display operation can be achieved by using the internal clock generated by the internal oscillator and the
VSYNC input. Because all the data for display is written to RAM, only the data to be rewritten is transferred.
This method reduces the amount of data transferred during motion picture display operation.
Write Data to
Frame Memory
Source
Gate320
Gate1
Gate2
D[17:0]
1 Line
Figure 29 Timing Diagram of VSYNC Interface
VSYNC interface requires taking the minimum speed for RAM writing via the system interface and the
frequency of the internal clock into consideration. RAM writing should be performed with higher speed than
the result obtained from the calculation shown below. The internal memory writing address counter is reset by
VSYNC. So, insure interval time between VSYNC falling and DRAM data writing.
Note:
1. VSYNC period should always be constant. If not, some degradation of display such as flicker may occur in LCD system.
2. Display data don’t need to be written for every VSYNC period. For example, any system is working under 60Hz frame rate and
30-fps motion picture condition. So being written display data for every other frame would be enough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com