Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 122 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 122 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 316 page
background image
ST7789VI
Version 1.4
Page 122 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.11 Display Data RAM
8.11.1 Configuration
The display module has an integrated 240x320x18-bit graphic type static RAM. This 1382400-bit memory
allows storing on-chip a 240xRGBx320 image with an 18-bpp resolution (262K-color). There will be no
abnormal visible effect on the display when there is a simultaneous Panel Read and Interface Read or Write
to the same location of the Frame Memory.
Display data RAM
(240 x 320 x 18-bits)
TF-LCD panel
(240 x RGB x 320)
Line
address
counter
Scan
address
counter
Host
interface
MCU
I/F
LUT
Row
address
counter
Column
address
counter
Figure 32 Display data RAM organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com