Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 167 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 167 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 316 page
background image
ST7789VI
Version 1.4
Page 167 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.4
RDDST (09h): Read Display Status
09H
RDDST (Read Display Status)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDST
0
↑
1
-
0
0
0
0
1
0
0
1
(09h)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
BSTON
MY
MX
MV
ML
RGB
MH
ST24
3
rd parameter
1
1
↑
-
ST23
IFPF2
IFPF1
IFPF0
IDMON PTLON SLOUT NORON
4
th parameter
1
1
↑
-
ST15
ST14
INVON
ST12
ST11
DISON
TEON
GCS2
5
th parameter
1
1
↑
-
GCS1
GCS0
TEM
ST4
ST3
ST2
ST1
ST0
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
BSTON
Booster Voltage Status
‘1’ =Booster on,
‘0’ =Booster off
MY
Row Address Order (MY)
‘1’ =Decrement, (Bottom to Top, when MADCTL (36h) D7=’1’)
‘0’ =Increment, (Top to Bottom, when MADCTL (36h) D7=’0’)
MX
Column Address Order (MX)
‘1’ =Decrement, (Right to Left, when MADCTL (36h) D6=’1’)
‘0’ =Increment, (Left to Right, when MADCTL (36h) D6=’0’)
MV
Row/Column Exchange (MV)
‘1’ = Row/column exchange, (when MADCTL (36h) D5=’1’)
‘0’ = Normal, (when MADCTL (36h) D5=’0’
ML
Scan Address Order (ML)
‘0’ =Decrement,
(LCD refresh Top to Bottom, when MADCTL (36h) D4=’0’)
‘1’=Increment,
(LCD refresh Bottom to Top, when MADCTL (36h) D4=’1’)
RGB
RGB/ BGR Order (RGB)
‘1’ =BGR, (When MADCTL (36h) D3=’1’)
‘0’ =RGB, (When MADCTL (36h) D3=’0’)
MH
Horizontal Order
‘0’ =Decrement,
(LCD refresh Left to Right, when MADCTL (36h) D2=’0’)
‘1’ =Increment,
(LCD refresh Right to Left, when MADCTL (36h) D2=’1’)
ST24
For Future Use
‘0’
ST23
For Future Use
‘0’
IFPF2
Interface Color Pixel Format
Definition
“011” = 12-bit / pixel,
“101” = 16-bit / pixel,
“110” = 18-bit / pixel,
“111” = 16M truncated, others are not defined.
IFPF1
IFPF0
IDMON
Idle Mode On/Off
‘1’ = On, “0” = Off
PTLON
Partial Mode On/Off
‘1’ = On, “0” = Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com