Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 170 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 170 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 316 page
background image
ST7789VI
Version 1.4
Page 170 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.5
RDDPM (0Ah): Read Display Power Mode
0AH
RDDPM (Read Display Power Mode)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDPM
0
↑
1
-
0
0
0
0
1
0
1
0
(0Ah)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
BSTON IDMON PTLON SLPOUT NORON DISON
D1
D0
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
BSTON
Booster Voltage Status
‘1’ =Booster on,
‘0’ =Booster off
IDMON
Idle mode on/off
‘1’ = Idle Mode On,
‘0’ = Idle Mode Off
PTLON
Partial mode on/off
‘1’ =Partial mode on,
‘0’ =Partial mode off,
SLPOUT
Sleep in/out
‘1’ =Sleep out,
‘0’ =Sleep in,
NORON
Display normal mode on/off
‘1’ = Normal display,
‘0’ = Partial display,
DISON
Display on/off
‘1’ =Display on,
‘0’ =Display off,
D1
Not Used
“0”
D0
Not Used
“0”
“-“ Don’t care
Restriction
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com