Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 176 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 176 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 316 page
background image
ST7789VI
Version 1.4
Page 176 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.8
RDDIM (0Dh): Read Display Image Mode
0DH
RDDIM (Read Display Image Mode)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDIM
0
↑
1
-
0
0
0
0
1
1
0
1
(0Dh)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
VSSON
0
INVON
0
0
GC2
GC1
GC0
Description
This command indicates the current status of the display as described in the table below:
-VSSON: Vertical scrolling on/off
-INVON: Inversion on/off
Gamma Curve Selection
GC2
GC1
GC0
Gamma set (26h) Parameter
Gamma curve 1
0
0
0
GC0
Gamma curve 2
0
0
1
GC1
Gamma curve 3
0
1
0
GC2
Gamma curve 4
0
1
1
GC3
Not Defined
1
0
0
Not Defined
Not Defined
1
0
1
Not Defined
Not Defined
1
1
0
Not Defined
Not Defined
1
1
1
Not Defined
Others are no define and invalid
“-“ Don’t care
Restriction
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000-0000
S/W Reset
0000-0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com