Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 178 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 178 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 175Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 176Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 177Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 178Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 179Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 181Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 316 page
background image
ST7789VI
Version 1.4
Page 178 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.9
RDDSM (0Eh): Read Display Signal Mode
0EH
RDDSM (Read Display Signal Status)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDSM
0
↑
1
-
0
0
0
0
1
1
1
0
(0Eh)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
TEON
TEM
0
0
0
0
0
0
-
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
TEON
Tearing effect line on/off
‘1’ = ON,
‘0’ = OFF,
TEM
Tearing effect line mode
‘1’ = mode2,
‘0’ = mode1,
“-“ Don’t care
Restriction
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000-0000
S/W Reset
0000-0000
H/W Reset
0000-0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com