Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 192 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 192 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 193Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 194Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 195Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 316 page
background image
ST7789VI
Version 1.4
Page 192 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.17 GAMSET (26h): Gamma Set
26H
GAMSET (Gamma Set)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
GAMSET
0
↑
1
-
0
0
1
0
0
1
1
0
(26h)
parameter
1
↑
1
-
0
0
0
0
GC3
GC2
GC1
GC0
1.
Description
-This command is used to select the desired Gamma curve for the current display. A maximum of 4
curves can be selected. The curve is selected by setting the appropriate bit in the parameter as
described in the Table.
GC [7:0]
Parameter
Curve Selected
01h
GC0
Gamma Curve 1 (G2.2)
02h
GC1
Gamma Curve 2 (G1.8)
04h
GC2
Gamma Curve 3 (G2.5)
08h
GC3
Gamma Curve 4 (G1.0)
Note: All other values are undefined.
Restriction
Values of GC[7:0] not shown in table above are invalid and will not change the current selected
Gamma curve until valid value is received.
Register availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0x01
S/W Reset
0x01
H/W Reset
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com