Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 188 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 188 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 192Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 316 page
background image
ST7789VI
Version 1.4
Page 188 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.15
INVOFF (20h): Display Inversion Off
20H
INVOFF (Display Inversion Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
INVOFF
0
↑
1
-
0
0
1
0
0
0
0
0
(20h)
parameter
No Parameter
Description
-This command is used to recover from display inversion mode.
“-“ Don’t care
Restriction
This command has no effect when module is already in inversion off mode.
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Display inversion off
S/W Reset
Display inversion off
H/W Reset
Display inversion off
Top-Lef
t (0,0)
(Example)
Memory
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com