Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 184 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 184 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 180Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 181Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 182Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 316 page
background image
ST7789VI
Version 1.4
Page 184 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.12 SLPOUT (11h): Sleep Out
11H
SLPOUT (Sleep Out)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
SLPOUT
0
↑
1
-
0
0
0
1
0
0
0
1
(11h)
parameter
No Parameter
Description
-This command turn off sleep mode.
-In this mode the DC/DC converter is enable, internal display oscillator is started, and panel scanning is started.
Restriction
-This command has no effect when module is already in sleep out mode. Sleep out mode can only be left by the sleep in
command (10h).
-It will be necessary to wait 5msec before sending any new commands to a display module following this command to
allow time for the supply voltages and clock circuits to stabilize.
-It will be necessary to wait 120msec after sending sleep out command (when in sleep in mode) before sending an sleep
in command.
-The display module runs the self-diagnostic functions after this command is received.
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com