Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 187 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 187 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 183Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 184Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 185Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 186Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 187Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 188Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 189Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 190Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 191Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 316 page
background image
ST7789VI
Version 1.4
Page 187 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.14 NORON (13h): Normal Display Mode On
12H
NORON (Normal Display Mode On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
NORON
0
↑
1
-
0
0
0
1
0
0
1
1
(13h)
parameter
No Parameter
Description
-This command turns the display to normal mode.
-Normal display mode on means partial mode off.
-Exit from NORON by the partial mode on command.
“-“ Don’t care
Restriction
This command has no effect when normal display mode is active.
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Normal display mode on
S/W Reset
Normal display mode on
H/W Reset
Normal display mode on
Flow Chart
See partial area description for details of when to use this command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com