Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 138 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 138 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 134Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 135Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 136Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 137Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 138Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 139Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 140Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 141Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 142Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 234 page
background image
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74HC2G14
Dual inverter; Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
50
16
36
-40 to 125
74HC2G17
Dual buffer; Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
50
12
36
-40 to 125
74HC2G34
Dual buffer
2.0 - 6.0
CMOS
±5.2
50
9.0
36
-40 to 125
74HC2GU04
Single inverter; unbuffered
2.0 - 6.0
CMOS
±2.6
50
5.0
36
-40 to 125
74HC365
Hex buffer/line driver (3-state)
2.0 - 6.0
CMOS
±7.8
50
9.0
36
-40 to 125
74HC366
Hex inverter/line driver (3-state)
2.0 - 6.0
CMOS
±7.8
50
10
36
-40 to 125
74HC367
Hex buffer/line driver (3-state)
2.0 - 6.0
CMOS
±7.8
50
8.0
36
-40 to 125
74HC368
Hex inverter/line driver (3-state)
2.0 - 6.0
CMOS
±7.8
50
9.0
36
-40 to 125
74HC3G04
Triple inverter
2.0 - 6.0
CMOS
±5.2
50
8.0
36
-40 to 125
74HC3G06
Triple inverter; open drain
2.0 - 6.0
CMOS
5.2
50
9.0
36
-40 to 125
74HC3G07
Triple buffer; open drain
2.0 - 6.0
CMOS
5.2
50
9.0
36
-40 to 125
74HC3G14
Triple inverter; Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
50
16
36
-40 to 125
74HC3G16
Triple buffer
2.0 - 6.0
CMOS
±5.2
50
9.0
36
-40 to 125
74HC3G34
Triple buffer
2.0 - 6.0
CMOS
±5.2
50
9.0
36
-40 to 125
74HC3GU04
Triple inverter; unbuffered
2.0 - 6.0
CMOS
±5.2
50
6.0
36
-40 to 125
74HC540
Octal inverter/line driver (3-state)
2.0 - 6.0
CMOS
±7.8
50
9.0
36
-40 to 125
74HC541
Octal buffer/line driver (3-state)
2.0 - 6.0
CMOS
±7.8
50
10
36
-40 to 125
74HC7014
Hex buffer; precision Schmitt-trigger
2.0 - 6.0
CMOS
±5.2
50
27
36
-40 to 125
74HC7540
Octal inverter/line driver; Schmitt-trigger (3-State)
2.0 - 6.0
CMOS
±7.8
15
11
36
-40 to 125
74HC7541
Octal buffer/line driver; Schmitt-trigger (3-State)
2.0 - 6.0
CMOS
±7.8
15
10
36
-40 to 125
74HC9114
9-bit inverter; Schmitt-trigger; open-drain (3-state)
2.0 - 6.0
CMOS
5.2
15
12
36
-40 to 125
74HC9115
9-bit buffer; Schmitt-trigger; open-drain (3-state)
2.0 - 6.0
CMOS
5.2
15
12
36
-40 to 125
74HCT04
Hex inverter; TTL-enabled
4.5 - 5.5
TTL
±4
50
8.0
36
-40 to 125
74HCT125
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
12
36
-40 to 125
74HCT126
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT14
Hex inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±4
50
17
36
-40 to 125
74HCT1G04
Single inverter; TTL-enabled
4.5 - 5.5
TTL
±2
50
8.0
36
-40 to 125
74HCT1G125
Single buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±2
50
10
36
-40 to 125
74HCT1G126
Single buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±2
50
10
36
-40 to 125
74HCT1G14
Single inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±2
50
15
36
-40 to 125
74HCT240
Octal inverter/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
9.0
36
-40 to 125
74HCT241
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT244
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT2G04
Dual inverter; TTL-enabled
4.5 - 5.5
TTL
±4
50
10
36
-40 to 125
74HCT2G125
Dual buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±4
50
12
36
-40 to 125
74HCT2G14
Dual inverter; Schmitt-trigger; TTL-enabled
4.5 to 5.5
TTL
±4
50
21
36
-40 to 125
74HCT2G17
Dual buffer; Schmitt-trigger; TTL-enabled
4.5 to 5.5
TTL
±4
50
21
36
-40 to 125
74HCT2G34
Dual buffer; TTL-enabled
4.5 - 5.5
TTL
±4
50
10
32
-40 to 125
74HCT365
Hex buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT366
Hex inverter/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT367
Hex buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT368
Hex inverter/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT3G04
Triple inverter; TTL-enabled
4.5 - 5.5
TTL
±4
50
10
36
-40 to 125
Buffers/Inverters/Drivers
Asynchronous interface analog & logic ICs
Nexperia selection guide 2020
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com