Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 140 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 140 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 136Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 137Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 138Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 139Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 140Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 141Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 142Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 143Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 144Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 234 page
background image
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74LVC1G125
Single buffer/line driver; TTL-enabled (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
50
2.1
175
-40 to 125
74LVC1G126
Single buffer/line driver; TTL-enabled (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
50
2.0
175
-40 to 125
74LVC1G14
Single inverter; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
50
3.0
175
-40 to 125
74LVC1G16
Single buffer
1.65 - 5.5
CMOS/LVTTL
±24
50
2.0
175
-40 to 125
74LVC1G17
Single buffer; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
50
3.0
175
-40 to 125
74LVC1G34
Single buffer
1.65 - 5.5
CMOS/LVTTL
±24
50
2.0
175
-40 to 125
74LVC1GU04
Single inverter; unbuffered
1.65 - 5.5
CMOS/LVTTL
±32
50
1.6
175
-40 to 125
74LVC2244A
Octal buffer/line driver with 30 Ω termination resistors
(3-state)
1.2 - 3.6
CMOS/LVTTL
±12
50
3.1
175
-40 to 125
74LVC240A
Octal inverter/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
3.5
175
-40 to 125
74LVC244A
Octal buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.8
175
-40 to 125
74LVC2G04
Dual inverter
1.65 - 5.5
CMOS/LVTTL
±24
50
2.7
175
-40 to 125
74LVC2G06
Dual inverter; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.3
175
-40 to 125
74LVC2G07
Dual buffer; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.6
175
-40 to 125
74LVC2G125
Dual buffer/line driver; TTL-enabled (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
50
2.3
175
-40 to 125
74LVC2G126
Dual buffer/line driver; TTL-enabled (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
50
2.4
175
-40 to 125
74LVC2G14
Dual inverter; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
50
3.9
175
-40 to 125
74LVC2G16
Dual buffer
1.65 - 5.5
CMOS/LVTTL
±24
50
2.0
175
-40 to 125
74LVC2G17
Dual buffer; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
50
3.6
175
-40 to 125
74LVC2G240
Dual inverter/line driver (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
50
2.5
175
-40 to 125
74LVC2G241
Dual buffer/line driver (3-state)
1.65 - 5.5
CMOS/LVTTL
±32
50
2.6
175
-40 to 125
74LVC2G34
Dual buffer
1.65 - 5.5
CMOS/LVTTL
±32
50
2.2
175
-40 to 125
74LVC2GU04
Dual inverter; unbuffered
1.65 - 5.5
CMOS/LVTTL
±32
50
2.3
175
-40 to 125
74LVC3G04
Triple inverter
1.65 - 5.5
CMOS/LVTTL
±32
50
2.7
175
-40 to 125
74LVC3G06
Triple inverter; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.0
175
-40 to 125
74LVC3G07
Triple buffer; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.1
175
-40 to 125
74LVC3G14
Triple inverter; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
50
3.2
175
-40 to 125
74LVC3G16
Triple buffer
1.65 - 5.5
CMOS/LVTTL
±24
50
2.0
175
-40 to 125
74LVC3G17
Triple buffer; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
50
3.6
175
-40 to 125
74LVC3G34
Triple buffer
1.65 - 5.5
CMOS/LVTTL
±32
50
2.2
175
-40 to 125
74LVC3GU04
Triple inverter; unbuffered
1.65 - 5.5
CMOS/LVTTL
±32
50
2.3
175
-40 to 125
74LVC541A
Octal buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
3.3
175
-40 to 125
74LVC827A
10-bit buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
4.0
175
-40 to 125
74LVCH162244A
16-bit buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
1.2 - 3.6
CMOS/LVTTL
±12
50
2.9
175
-40 to 125
74LVCH16244A
16-bit buffer/line driver with bus hold (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
3.0
175
-40 to 125
74LVCH16541A
16-bit buffer/line driver with bus hold (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.7
175
-40 to 125
74LVCH244A
Octal buffer/line driver with bus hold (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.8
175
-40 to 125
74LVCU04A
Hex inverter; unbuffered
1.2 - 3.6
CMOS/LVTTL
±24
50
2.0
175
-40 to 125
74LVT04
Hex inverter
2.7 - 3.6
TTL
-20 / 32
50
2.6
150
-40 to 85
74LVT125
Quad buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.9
150
-40 to 85
74LVT126
Quad buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.4
150
-40 to 85
74LVT14
Hex inverter; Schmitt-trigger
2.7 - 3.6
TTL
-32 / 64
50
3.8
150
-40 to 85
74LVT162240A
16-bit inverter/line driver with bus hold and 30 Ω
termination (3-state)
2.7 - 3.6
TTL
±12
50
2.6
150
-40 to 85
74LVT162244B
16-bit buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
2.7 - 3.6
TTL
±12
50
2.8
150
-40 to 85
Buffers/Inverters/Drivers
Asynchronous interface analog & logic ICs
Nexperia selection guide 2020
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com