Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 144 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 144 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 140Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 141Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 142Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 143Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 144Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 145Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 146Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 147Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 148Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 234 page
background image
Schmitt-triggers
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
f
max
(MHz)
Number
of bits
T
amb (°C)
74HCT7541
Octal buffer/line driver Schmitt-trigger;
TTL- enabled (3-state)
4.5 - 5.5
TTL
±6
16
50
36
8
-40 to 125
74HCT9114
9-bit inverter Schmitt-trigger; open drain;
TTL- enabled (3-state)
4.5 - 5.5
TTL
4
13
50
36
9
-40 to 125
74LV132
Quad 2-input NAND gate Schmitt-trigger
1.0 - 5.5
TTL
±12
10
50
30
4
-40 to 125
74LV14
Hex inverter Schmitt-trigger
1.0 - 5.5
TTL
±12
13
50
30
6
-40 to 125
74LV14A
Hex inverter Schmitt-trigger
2.0 - 5.5
CMOS
±12
3.4
15
60
6
-40 to 125
74LV7032A
Quad 2-input OR gate; Schmitt trigger
2.0 - 5.5
CMOS
±12
4.3
15
45
4
-40 to 125
74LVC132A
Quad 2-input NAND gate Schmitt-trigger
1.2 - 3.6
CMOS/LVTTL
±24
3.4
50
175
4
-40 to 125
74LVC14A
Hex inverter Schmitt-trigger
1.2 - 3.6
CMOS/LVTTL
±24
3.2
50
175
6
-40 to 125
74LVC1G14
Single inverter Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
3.0
50
175
1
-40 to 125
74LVC1G17
Single buffer Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
3.0
50
175
1
-40 to 125
74LVC1G57
Configurable gate; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
6.3
50
150
1
-40 to 125
74LVC1G58
Configurable gate; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
6.3
50
150
1
-40 to 125
74LVC1G97
Configurable gate; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
6.3
50
150
1
-40 to 125
74LVC1G98
Configurable gate; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
6.3
50
150
1
-40 to 125
74LVC1G99
Configurable gate; Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
8.4
50
150
1
-40 to 125
74LVC2G14
Dual inverter Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
3.9
50
175
2
-40 to 125
74LVC2G17
Dual buffer Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
3.6
50
175
2
-40 to 125
74LVC3G14
Triple inverter Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
3.2
50
175
3
-40 to 125
74LVC3G17
Triple buffer Schmitt-trigger
1.65 - 5.5
CMOS/LVTTL
±32
3.6
50
175
3
-40 to 125
74LVT14
Hex inverter Schmitt-trigger
2.7 - 3.6
TTL
±32
3.8
50
150
6
-40 to 125
74VHC14
Hex inverter Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
6
-40 to 125
74VHCT14
Hex inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.1
50
60
6
-40 to 125
HEF40106B
Hex inverter Schmitt-trigger
3.0 - 15
CMOS
±2.4
30
50
10
6
-40 to 85
HEF4093B
Quad 2-input NAND gate Schmitt-trigger
3.0 - 15
CMOS
±2.4
30
50
10
4
-40 to 125
XC7SET14
Single inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.1
50
60
1
-40 to 125
XC7SH14
Single inverter Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
XC7WH14
Triple inverter Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
3
-40 to 125
XC7WT14
Triple inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.1
50
60
3
-40 to 125
Asynchronous interface analog & logic ICs
Types in
bold represent new products
Nexperia selection guide 2020
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com