Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 145 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 145 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 141Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 142Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 143Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 144Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 145Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 146Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 147Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 148Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 149Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 234 page
background image
Transceivers
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Number
of bits
f
max
(MHz)
T
vv (°C)
74ABT162245A
16-bit transceiver with 30 ohm termination resistors
(3-state)
4.5 - 5.5
TTL
-32 / 12
3.0
16
100
-40 to 85
74ABT16245B
16-bit transceiver (3-state)
4.5 - 5.5
TTL
-32 / 64
2.3
16
150
-40 to 85
74ABT245
Octal transceiver (3-state)
4.5 - 5.5
TTL
-32 / 64
2.9
8
100
-40 to 85
74ABTH162245A
16-bit transceiver with bus hold and 30 ohm termination
resistors (3-state)
4.5 - 5.5
TTL
-32 / 12
3.0
16
80
-40 to 85
74AHC245
Octal transceiver (3-state)
2.0 - 5.5
CMOS
±8
3.5
8
60
-40 to 125
74AHCT245
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
5.0
8
60
-40 to 125
74AHCT245A
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
3.0
8
60
-40 to 125
74AHCV245A
Octal transceiver; Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±16
3.2
8
60
-40 to 125
74ALVC16245
16-bit transceiver (3-state)
1.65 - 3.6
TTL
±24
1.9
16
150
-40 to 85
74ALVC245
Octal transceiver (3-state)
1.65 - 3.6
TTL
±24
2.3
8
130
-40 to 85
74ALVCH162245
16-bit transceiver with bus hold and 30 Ω termination
resistors (3-state)
1.65 - 3.6
TTL
±12
2.4
16
150
-40 to 85
74ALVCH16245
16-bit transceiver with bus hold (3-state)
1.65 - 3.6
TTL
±24
1.9
16
150
-40 to 85
74ALVCH162601
18-bit universal bus transceiver with bus hold and 30 Ω
termination resistors; positive-edge trigger (3-state)
1.65 - 3.6
TTL
±12
3.1
18
150
-40 to 85
74ALVCH16500
18-bit universal bus transceiver with bus hold;
negative edge trigger (3-state)
1.65 - 3.6
TTL
±24
2.9
18
150
-40 to 85
74ALVCH16501
18-bit universal bus transceiver with bus hold;
positive edge trigger (3-state)
1.65 - 3.6
TTL
±24
2.8
18
150
-40 to 85
74ALVCH16543
16-bit registered transceiver with bus hold (3-state)
1.65 - 3.6
TTL
±24
3.8
16
150
-40 to 85
74ALVCH16600
18-bit universal bus transceiver with bus hold;
negative edge trigger (3-state)
1.65 - 3.6
TTL
±24
2.8
18
150
-40 to 85
74ALVCH16601
18-bit universal bus transceiver with bus hold;
positive edge trigger (3-state)
1.65 - 3.6
TTL
±24
2.8
18
150
-40 to 85
74ALVCH16646
16-bit registered transceiver with bus hold (3-state)
1.65 - 3.6
TTL
±24
2.6
16
150
-40 to 85
74ALVCH16652
16-bit registered transceiver with bus hold (3-state)
1.65 - 3.6
TTL
±24
2.6
16
150
-40 to 85
74ALVCH16952
16-bit registered transceiver with bus hold (3-state)
1.65 - 3.6
TTL
±24
3.2
16
150
-40 to 85
74ALVT162245
16-bit transceiver with bus hold and 30 Ω termination
resistors (3-state)
2.3 - 3.6
TTL
±12
2.3
16
75
-40 to 85
74AVC16245
16-bit transceiver (3-state)
1.2 - 3.6
CMOS
±12
2.0
16
200
-40 to 85
74AVC4T774
4-bit dual supply translating transceiver (3-state)
0.8 - 3. 6
CMOS/
LVTTL
±12
3.5
4
200
-40 to 125
74AVCH16245
16-bit transceiver with bus hold (3-state)
1.2 - 3.6
CMOS
±12
2.0
16
200
-40 to 85
74HC245
Octal transceiver (3-state)
2.0 - 6.0
CMOS
±7.8
7.0
8
36
-40 to 125
74HCT245
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
10
8
36
-40 to 125
74LV245
Octal transceiver (3-state)
1.0 - 5.5
TTL
±16
7.0
8
30
-40 to 125
74LV245A
Octal transceiver (3-state)
2.0 - 5.5
CMOS
±16
3
8
60
-40 to 125
74LV245AT
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±16
3
8
60
-40 to 125
74LVC162245A
16-bit transceiver with 30 Ω termination resistors (3-state)
1.2 - 3.6
CMOS/LVTTL
±12
3.3
16
175
-40 to 125
74LVC16245A
16-bit transceiver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.0
16
175
-40 to 125
74LVC2245A
Octal transceiver with 30 Ω termination resistors (3-state)
1.2 - 3.6
CMOS/LVTTL
±12
3.3
8
175
-40 to 125
74LVC245A
Octal transceiver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
2.9
8
175
-40 to 125
74LVC32245A
32-bit transceiver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
2.2
32
175
-40 to 125
74LVCH162245A
16-bit transceiver with bus hold and 30 Ω termination
resistors (3-state)
1.2 - 3.6
CMOS/LVTTL
±12
3.3
16
175
-40 to 125
74LVCH16245A
16-bit transceiver with bus hold (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.0
16
175
-40 to 125
74LVCH245A
Octal transceiver with bus hold (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
2.9
8
175
-40 to 125
Asynchronous interface analog & logic ICs
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com