Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 28 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 28 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 24Page - Texas Instruments DRV8353FS Datasheet HTML 25Page - Texas Instruments DRV8353FS Datasheet HTML 26Page - Texas Instruments DRV8353FS Datasheet HTML 27Page - Texas Instruments DRV8353FS Datasheet HTML 28Page - Texas Instruments DRV8353FS Datasheet HTML 29Page - Texas Instruments DRV8353FS Datasheet HTML 30Page - Texas Instruments DRV8353FS Datasheet HTML 31Page - Texas Instruments DRV8353FS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
VDRAIN
VCP
1 …F
CPH
Charge
Pump
Control
VM
CPL
47 nF
VDRAIN
Figure 8-12. Charge Pump Architecture
The low-side gate drive voltage is created using a linear regulator that operates from the VM voltage supply
input. The VGLS linear regulator allows the gate driver to correctly bias the low-side MOSFET gate with respect
to ground. The VGLS linear regulator output is fixed at 14.5 V and further regulated to 11-V on the GLx outputs
during operation. The VGLS regulator supports an output current of 25 mA. The VGLS linear regulator is
monitored for undervoltage to prevent under driver MOSFET conditions. The VGLS linear regulator requires a
X5R or X7R, 1-µF, 16-V ceramic capacitor between VGLS and GND.
Since the charge pump output is regulated to VVDRAIN + 10.5 V this allows for VM to be supplied either directly
from the high voltage motor supply (up to 75 V) to support a single supply system or from a low voltage gate
driver power supply derived from a switching or linear regulator to improve the device efficiency or utilize an
externally available power supply. Figure 8-13 and Figure 8-14 show examples of the DRV835xF configured in
either single supply or dual supply configuration.
DRV835xF
VDRAIN
VM
Power
MOSFETs
48-V
Power
Supply
Figure 8-13. Single Supply Example
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com