Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 36 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 32Page - Texas Instruments DRV8353FS Datasheet HTML 33Page - Texas Instruments DRV8353FS Datasheet HTML 34Page - Texas Instruments DRV8353FS Datasheet HTML 35Page - Texas Instruments DRV8353FS Datasheet HTML 36Page - Texas Instruments DRV8353FS Datasheet HTML 37Page - Texas Instruments DRV8353FS Datasheet HTML 38Page - Texas Instruments DRV8353FS Datasheet HTML 39Page - Texas Instruments DRV8353FS Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
Figure 8-23 shows the structure of the open-drain output pins nFAULT and SDO. The open-drain output requires
an external pullup resistor to function correctly.
DVDD
Active
OUTPUT
No Fault
STATE
Inactive
STATUS
Fault
Active
Inactive
RPU
Figure 8-23. Open-Drain Output Pin Structure
8.3.4 Low-Side Current-Shunt Amplifiers (DRV8353F)
The DRV8353F integrate three, high-performance low-side current-shunt amplifiers for current measurements
using low-side shunt resistors in the external half-bridges. Low-side current measurements are commonly used
to implement overcurrent protection, external torque control, or brushless DC commutation with the external
controller. All three amplifiers can be used to sense the current in each of the half-bridge legs or one amplifier
can be used to sense the sum of the half-bridge legs. The current shunt amplifiers include features such
as programmable gain, offset calibration, unidirectional and bidirectional support, and a voltage reference pin
(VREF).
8.3.4.1 Bidirectional Current Sense Operation
The SOx pin on the DRV8353F outputs an analog voltage equal to the voltage across the SPx and SNx pins
multiplied by the gain setting (GCSA). The gain setting is adjustable between four different levels (5 V/V, 10 V/V,
20 V/V, and 40 V/V). Use Equation 3 to calculate the current through the shunt resistor.
VREF
SOx
CSA
SENSE
V
V
2
I
G
R
u
(3)
SPx
SNx
SOx
VREF
½
+
±
+
±
I
0.1 …F
R6
R4
R3
R2
R5
R1
R1
R4
R3
R2
R5
RSENSE
VCC
Figure 8-24. Bidirectional Current-Sense Configuration
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com