Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 4Page - Texas Instruments DRV8353FS Datasheet HTML 5Page - Texas Instruments DRV8353FS Datasheet HTML 6Page - Texas Instruments DRV8353FS Datasheet HTML 7Page - Texas Instruments DRV8353FS Datasheet HTML 8Page - Texas Instruments DRV8353FS Datasheet HTML 9Page - Texas Instruments DRV8353FS Datasheet HTML 10Page - Texas Instruments DRV8353FS Datasheet HTML 11Page - Texas Instruments DRV8353FS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
7.5 Electrical Characteristics
at TA = –40°C to +125°C, VVM = 9 to 75 V, VVDRAIN = 9 to 100 V, VVIN = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (DVDD, VCP, VGLS, VM)
IVM
VM operating supply current
VVM = VVDRAIN = 48 V, ENABLE = 3.3 V, INHx/INLx = 0 V
8.5
13
mA
IVDRAIN
VDRAIN operating supply current
VVM = VVDRAIN = 48 V, ENABLE = 3.3 V, INHx/INLx = 0 V
1.9
4
mA
ISLEEP
Sleep mode supply current
ENABLE = 0 V, VVM = VVDRAIN = 48 V, TA = 25°C
20
40
µA
ENABLE = 0 V, VVM = VVDRAIN = 48 V, TA = 125°C
100
tRST
Reset pulse time
ENABLE = 0 V period to reset faults
5
40
µs
tWAKE
Turnon time
VVM > VUVLO, ENABLE = 3.3 V to outputs ready
1
ms
tSLEEP
Turnoff time
ENABLE = 0 V to device sleep mode
1
ms
VDVDD
DVDD regulator voltage
IDVDD = 0 to 10 mA
4.75
5
5.25
V
VVCP
VCP operating voltage
with respect to VDRAIN
VVM = 15 V, IVCP = 0 to 25 mA
9
10.5
12
V
VVM = 12 V, IVCP = 0 to 20 mA
7.5
10
11.5
VVM = 10 V, IVCP = 0 to 15 mA
6
8
9.5
VVM = 9 V, IVCP = 0 to 10 mA
5.5
7.5
8.5
VVGLS
VGLS operating voltage
with respect to GND
VVM = 15 V, IVGLS = 0 to 25 mA
13
14.5
16
V
VVM = 12 V, IVGLS = 0 to 20 mA
10
11.5
12.5
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com