Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 68 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 68 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 64Page - Texas Instruments DRV8353FS Datasheet HTML 65Page - Texas Instruments DRV8353FS Datasheet HTML 66Page - Texas Instruments DRV8353FS Datasheet HTML 67Page - Texas Instruments DRV8353FS Datasheet HTML 68Page - Texas Instruments DRV8353FS Datasheet HTML 69Page - Texas Instruments DRV8353FS Datasheet HTML 70Page - Texas Instruments DRV8353FS Datasheet HTML 71Page - Texas Instruments DRV8353FS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
10 Power Supply Recommendations
The DRV835xF family of devices are designed to operate from an input voltage supply (VM) range between 9 V
and 75 V. A 0.1-µF ceramic capacitor rated for VM must be placed as near to the device as possible. In addition,
a bulk capacitor must be included on the VM pin but can be shared with the bulk bypass capacitance for the
external power MOSFETs. Additional bulk capacitance is required to bypass the external half-bridge MOSFETs
and should be sized according to the application requirements.
10.1 Bulk Capacitance Sizing
Having appropriate local bulk capacitance is an important factor in motor drive system design. It is usually
beneficial to have more bulk capacitance, while the disadvantages are increased cost and physical size. The
amount of local capacitance depends on a variety of factors including:
• The highest current required by the motor system
• The power supply's type, capacitance, and ability to source current
• The amount of parasitic inductance between the power supply and motor system
• The acceptable supply voltage ripple
• Type of motor (brushed DC, brushless DC, stepper)
• The motor startup and braking methods
The inductance between the power supply and motor drive system will limit the rate current can change from the
power supply. If the local bulk capacitance is too small, the system will respond to excessive current demands
or dumps from the motor with a change in voltage. When adequate bulk capacitance is used, the motor voltage
stays stable and high current can be quickly supplied.
The data sheet provides a recommended minimum value, but system level testing is required to determine the
appropriate sized bulk capacitor.
Local
Bulk Capacitor
Parasitic Wire
Inductance
+
±
Motor Driver
Power Supply
Motor Drive System
VM
GND
+
IC Bypass
Capacitor
Figure 10-1. Motor Drive Supply Parasitics Example
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
www.ti.com
68
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com