Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 49 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 49 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 45Page - Texas Instruments DRV8353FS Datasheet HTML 46Page - Texas Instruments DRV8353FS Datasheet HTML 47Page - Texas Instruments DRV8353FS Datasheet HTML 48Page - Texas Instruments DRV8353FS Datasheet HTML 49Page - Texas Instruments DRV8353FS Datasheet HTML 50Page - Texas Instruments DRV8353FS Datasheet HTML 51Page - Texas Instruments DRV8353FS Datasheet HTML 52Page - Texas Instruments DRV8353FS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
8.6.1.2 Fault Status Register 2 (address = 0x01h)
The fault status register 2 is shown in Figure 8-35 and described in Table 8-12.
Register access type: Read only
Figure 8-35. Fault Status Register 2
10
9
8
7
6
5
4
3
2
1
0
SA_OC
SB_OC
SC_OC
OTW
GDUV
VGS_HA
VGS_LA
VGS_HB
VGS_LB
VGS_HC
VGS_LC
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
Table 8-12. Fault Status Register 2 Field Descriptions
Bit
Field
Type
Default
Description
10
SA_OC
R
0b
Indicates overcurrent on phase A sense amplifier (DRV8353xS
DRV8353xS-Q1)
9
SB_OC
R
0b
Indicates overcurrent on phase B sense amplifier (DRV8353xS
DRV8353xS-Q1)
8
SC_OC
R
0b
Indicates overcurrent on phase C sense amplifier (DRV8353xS
DRV8353xS-Q1)
7
OTW
R
0b
Indicates overtemperature warning
6
GDUV
R
0b
Indicates VCP charge pump and/or VGLS undervoltage fault
condition
5
VGS_HA
R
0b
Indicates gate drive fault on the A high-side MOSFET
4
VGS_LA
R
0b
Indicates gate drive fault on the A low-side MOSFET
3
VGS_HB
R
0b
Indicates gate drive fault on the B high-side MOSFET
2
VGS_LB
R
0b
Indicates gate drive fault on the B low-side MOSFET
1
VGS_HC
R
0b
Indicates gate drive fault on the C high-side MOSFET
0
VGS_LC
R
0b
Indicates gate drive fault on the C low-side MOSFET
www.ti.com
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com