Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 2Page - Texas Instruments DRV8353FS Datasheet HTML 3Page - Texas Instruments DRV8353FS Datasheet HTML 4Page - Texas Instruments DRV8353FS Datasheet HTML 5Page - Texas Instruments DRV8353FS Datasheet HTML 6Page - Texas Instruments DRV8353FS Datasheet HTML 7Page - Texas Instruments DRV8353FS Datasheet HTML 8Page - Texas Instruments DRV8353FS Datasheet HTML 9Page - Texas Instruments DRV8353FS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
at TA = –40°C to +125°C (unless otherwise noted)(1)
MIN
MAX
UNIT
GATE DRIVER
Power supply pin voltage (VM)
–0.3
80
V
Voltage differential between ground pins (AGND, BGND, DGND, PGND)
–0.3
0.3
V
MOSFET drain sense pin voltage (VDRAIN)
–0.3
102
V
MOSFET drain sense pin voltage slew rate (VDRAIN)
0
2
V/µs
Charge pump pin voltage (CPH, VCP)
–0.3
VVDRAIN + 16
V
Charge-pump negative-switching pin voltage (CPL)
–0.3
VVDRAIN
V
Low-side gate drive regulator pin voltage (VGLS)
–0.3
18
V
Internal logic regulator pin voltage (DVDD)
–0.3
5.75
V
Digital pin voltage (ENABLE, GAIN, IDRIVE, INHx, INLx, MODE, nFAULT, nSCS, SCLK, SDI, SDO,
VDS)
–0.3
5.75
V
Continuous high-side gate drive pin voltage (GHx)
–5(2)
VVCP + 0.3
V
Transient 200-ns high-side gate drive pin voltage (GHx)
–10
VVCP + 0.3
V
High-side gate drive pin voltage with respect to SHx (GHx)
–0.3
16
V
Continuous high-side source sense pin voltage (SHx)
–5(2)
102
V
Continuous high-side source sense pin voltage (SHx)
–5(2)
VVDRAIN + 5
V
Transient 200-ns high-side source sense pin voltage (SHx)
–10
VVDRAIN + 10
V
Continuous low-side gate drive pin voltage (GLx)
–1.0
VVGLS + 0.3
V
Transient 200-ns low-side gate drive pin voltage (GLx)
–5.0
VVGLS + 0.3
V
Gate drive pin source current (GHx, GLx)
Internally limited Internally limited
A
Gate drive pin sink current (GHx, GLx)
Internally limited Internally limited
A
Continuous low-side source sense pin voltage (SLx)
–1
1
V
Transient 200-ns low-side source sense pin voltage (SLx)
–5
5
V
Continuous shunt amplifier input pin voltage (SNx, SPx)
–1
1
V
Transient 200-ns shunt amplifier input pin voltage (SNx, SPx)
–5
5
V
Reference input pin voltage (VREF)
–0.3
5.75
V
Shunt amplifier output pin voltage (SOx)
–0.3
VVREF + 0.3
V
Ambient temperature, TA
–40
125
°C
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VDRAIN pin voltage with respect to high-side gate pin (GHx) and phase node pin voltage (SHx) should be limited to 102 V maximum.
This will limit the GHx and SHx pin negative voltage capability when VDRAIN is greater than 92 V.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±500
V may actually have higher performance.
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com