Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 1 Page - Texas Instruments

  DRV8353FS Datasheet HTML 1Page - Texas Instruments DRV8353FS Datasheet HTML 2Page - Texas Instruments DRV8353FS Datasheet HTML 3Page - Texas Instruments DRV8353FS Datasheet HTML 4Page - Texas Instruments DRV8353FS Datasheet HTML 5Page - Texas Instruments DRV8353FS Datasheet HTML 6Page - Texas Instruments DRV8353FS Datasheet HTML 7Page - Texas Instruments DRV8353FS Datasheet HTML 8Page - Texas Instruments DRV8353FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
DRV835xF 100-V Three-Phase Smart Gate Driver
1 Features
• 9 to 100-V, Triple half-bridge gate driver
– Optional triple low-side current shunt amplifiers
• Functional Safety Quality-Managed
– Documentation available to aid IEC 61800-5-2
functional safety system design
• Smart gate drive architecture
– Adjustable slew rate control for EMI
performance
– VGS handshake and minimum dead-time
insertion to prevent shoot-through
– 50-mA to 1-A peak source current
– 100-mA to 2-A peak sink current
– dV/dt mitigation through strong pulldown
• Integrated gate driver power supplies
– High-side doubler charge pump For 100%
PWM duty cycle control
– Low-side linear regulator
• Integrated triple current shunt amplifiers
– Adjustable gain (5, 10, 20, 40 V/V)
– Bidirectional or unidirectional support
• 6x, 3x, 1x, and independent PWM modes
– Supports 120° sensored operation
• SPI or hardware interface available
• Low-power sleep mode (20 µA at VVM = 48-V)
• Integrated protection features
– VM undervoltage lockout (UVLO)
– Gate drive supply undervoltage (GDUV)
– MOSFET VDS overcurrent protection (OCP)
– MOSFET shoot-through prevention
– Gate driver fault (GDF)
– Thermal warning and shutdown (OTW/OTSD)
– Fault condition indicator (nFAULT)
2 Applications
• 3-phase brushless-DC (BLDC) motor modules
• Servo drives, Factory automation
• Linear motor transport systems
• Industrial collaborative robot
• Autonomous Guided Vehicle, Delivery Drones
• E-Bikes, E-scooters, and E-mobility
3 Description
The DRV835xF family of devices are highly-integrated
gate drivers for three-phase brushless DC (BLDC)
motor applications. The device variants provide
optional integrated current shunt amplifiers to support
different motor control schemes.
The DRV835xF uses smart gate drive (SGD)
architecture to decrease the number of external
components that are typically necessary for MOSFET
slew rate control and protection circuits. The
SGD architecture also optimizes dead time to
prevent shoot-through conditions, provides flexibility
in decreasing electromagnetic interference (EMI) by
MOSFET slew rate control, and protects against gate
short circuit conditions through VGS monitors. A strong
gate pulldown circuit helps prevent unwanted dV/dt
parasitic gate turn on events
Various PWM control modes (6x, 3x, 1x, and
independent) are supported for simple interfacing to
the external controller. These modes can decrease
the number of outputs required of the controller for
the motor driver PWM control signals. This family
of devices also includes 1x PWM mode for simple
sensored trapezoidal control of a BLDC motor by
using an internal block commutation table.
Device Information
(1)PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8350F
WQFN (32)
5.00 mm × 5.00 mm
DRV8353F
WQFN (40)
6.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
9 to 75 V
DRV835xF
Three-Phase
Smart Gate Driver
PWM
Gate Drive
Current
Sense
Current Sense
3x Shunt Amplifiers
nFAULT
M
SPI or H/W
Protection
7 to 100 V
Drain
Sense
Simplified Schematic
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8353FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8353FSRTAR TI-DRV8353FSRTAR Datasheet
3Mb / 97P
DRV835xF 100-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8353FS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com