Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 65 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 65 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 61Page - Texas Instruments DRV8353FS Datasheet HTML 62Page - Texas Instruments DRV8353FS Datasheet HTML 63Page - Texas Instruments DRV8353FS Datasheet HTML 64Page - Texas Instruments DRV8353FS Datasheet HTML 65Page - Texas Instruments DRV8353FS Datasheet HTML 66Page - Texas Instruments DRV8353FS Datasheet HTML 67Page - Texas Instruments DRV8353FS Datasheet HTML 68Page - Texas Instruments DRV8353FS Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
9.2.2.1 Design Requirements
Table 9-3 lists the example design input parameters for system design.
Table 9-3. Design Parameters
EXAMPLE DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Power supply voltage
VVM
12 V
MOSFET drain voltage
VVDRAIN
48 V
MOSFET part number
MOSFET
CSD19535KCS
MOSFET total gate charge
Qg
78 nC
PWM frequency
fPWM
20 kHz
ADC reference voltage
VVREF
3.3 V
Winding sense current range
ISENSE
0 to 40 A
Motor RMS current
IRMS
28.3 A
Sense-resistor power rating
PSENSE
3 W
System ambient temperature
TA
–20°C to +105°C
9.2.2.2 Detailed Design Procedure
9.2.2.2.1 Sense Amplifier Unidirectional Configuration
The sense amplifiers are configured to be unidirectional through the registers on SPI devices by writing a 0 to
the VREF_DIV bit.
The sense-amplifier gain and sense resistor values are selected based on the target current range, VREF,
sense-resistor power rating, and operating temperature range. In unidirectional operation of the sense amplifier,
use Equation 31 to calculate the approximate value of the dynamic range at the output.
O
VREF
VREF
V
V
0.25 V
0.25 V
V
0.5 V
(31)
Use Equation 32 to calculate the approximate value of the selected sense resistor.
2
O
SENSE
RMS
V
V
R
P
I
R
A
I
!
u
u
(32)
where
•
O
VREF
V
V
0.5 V
From Equation 31 and Equation 32, select a target gain setting based on the power rating of a target sense
resistor.
9.2.2.2.1.1 Sense-Amplifier Example
In this system example, the value of VVREF is 3.3 V with a sense current from 0 to 40 A. The linear range of the
SOx output for the DRV8353x device is 0.25 V to VVREF – 0.25 V (from the VLINEAR specification). The differential
range of the sense-amplifier input is –0.3 to +0.3 V (VDIFF).
O
V
3.3 V
0.5 V
2.8 V
(33)
2
V
2.8 V
R
3 W
28.3
R
R
3.75 m
A
40 A
!
u
o
:
u
(34)
V
V
2.8 V
3.75 m
A
18.7
A
40 A
: !
o
!
u
(35)
www.ti.com
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com