Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 32 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 28Page - Texas Instruments DRV8353FS Datasheet HTML 29Page - Texas Instruments DRV8353FS Datasheet HTML 30Page - Texas Instruments DRV8353FS Datasheet HTML 31Page - Texas Instruments DRV8353FS Datasheet HTML 32Page - Texas Instruments DRV8353FS Datasheet HTML 33Page - Texas Instruments DRV8353FS Datasheet HTML 34Page - Texas Instruments DRV8353FS Datasheet HTML 35Page - Texas Instruments DRV8353FS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
8.3.1.4.4 MOSFET VDS Monitors
The gate drivers implement adjustable VDS voltage monitors to detect overcurrent or short-circuit conditions on
the external power MOSFETs. When the monitored voltage is greater than the VDS trip point (VVDS_OCP) for
longer than the deglitch time (tOCP), an overcurrent condition is detected and action is taken according to the
device VDS fault mode.
The high-side VDS monitors measure the voltage between the VDRAIN and SHx pins. In devices with three
current-shunt amplifiers (DRV8353F), the low-side VDS monitors measure the voltage between the SHx and
SPx pins. If the current shunt amplifier is unused, tie the SP pins to the common ground point of the external
half-bridges. On device options without the current shunt amplifiers (DRV8350F) the low-side VDS monitor
measures between the SHx and SLx pins.
For the SPI devices, the low-side VDS monitor reference point can be changed between the SPx and SNx pins
if desired with the LS_REF register setting. This is only for the low-side VDS monitor. The high-side VDS monitor
stays between the VDRAIN and SHx pins.
The VVDS_OCP threshold is programmable between 0.06 V and 2 V on SPI device and between 0.06 V and 1 V
on hardware interface devices. Additional information on the VDS monitor levels are described in the Section 8.6
section for SPI devices and in the Section 8.3.3 section hardware interface device.
GHx
SHx
GLx
VDRAIN
VDRAIN
SLx
+
VDS
+
VDS
+
VDS
VVDS_OCP
+
VDS
VVDS_OCP
±
±
±
±
Figure 8-17. DRV8350F VDS Monitors
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com