Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 3 Page - Texas Instruments

  DRV8353FS Datasheet HTML 1Page - Texas Instruments DRV8353FS Datasheet HTML 2Page - Texas Instruments DRV8353FS Datasheet HTML 3Page - Texas Instruments DRV8353FS Datasheet HTML 4Page - Texas Instruments DRV8353FS Datasheet HTML 5Page - Texas Instruments DRV8353FS Datasheet HTML 6Page - Texas Instruments DRV8353FS Datasheet HTML 7Page - Texas Instruments DRV8353FS Datasheet HTML 8Page - Texas Instruments DRV8353FS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
5 Device Comparison Table
DEVICE
VARIANT
SHUNT AMPLIFIERS
INTERFACE
DRV8350F
DRV8350FH
0
Hardware (H)
DRV8350FS
SPI (S)
DRV8353F
DRV8353FH
3
Hardware (H)
DRV8353FS
SPI (S)
6 Pin Configuration and Functions
1
CPH
24
INLA
2
VM
23
INHA
3
VDRAIN
22
ENABLE
4
VCP
21
NC
5
GHA
20
VDS
6
SHA
19
IDRIVE
7
GLA
18
MODE
8
SLA
17
nFAULT
Not to scale
Thermal
Pad
Figure 6-1. DRV8350FH RTV Package 32-Pin WQFN
With Exposed Thermal Pad Top View
1
CPH
24
INLA
2
VM
23
INHA
3
VDRAIN
22
ENABLE
4
VCP
21
nSCS
5
GHA
20
SCLK
6
SHA
19
SDI
7
GLA
18
SDO
8
SLA
17
nFAULT
Not to scale
Thermal
Pad
Figure 6-2. DRV8350FS RTV Package 32-Pin WQFN
With Exposed Thermal Pad Top View
Pin Functions—32-Pin DRV8350F Devices
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DRV8350FH
DRV8350FS
CPH
1
1
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VDRAIN-rated ceramic capacitor between the CPH and CPL
pins.
CPL
32
32
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VDRAIN-rated ceramic capacitor between the CPH and CPL
pins.
DVDD
29
29
PWR
5-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic capacitor between the DVDD and GND pins. This
regulator can source up to 10 mA externally.
ENABLE
22
22
I
Gate driver enable. When this pin is logic low the device goes to a low power sleep mode. An 8 to 40-µs pulse can be used
to reset fault conditions.
GHA
5
5
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
12
12
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
13
13
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
7
7
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
10
10
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLC
15
15
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GND
30
30
PWR
Device primary ground. Connect to system ground.
IDRIVE
19
—
I
Gate drive output current setting. This pin is a 7 level input pin set by an external resistor.
INHA
23
23
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
25
25
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
27
27
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INLA
24
24
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
www.ti.com
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com