Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FS Datasheet(PDF) 80 Page - Texas Instruments

Part # DRV8353FS
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FS Datasheet(HTML) 80 Page - Texas Instruments

Back Button DRV8353FS Datasheet HTML 75Page - Texas Instruments DRV8353FS Datasheet HTML 76Page - Texas Instruments DRV8353FS Datasheet HTML 77Page - Texas Instruments DRV8353FS Datasheet HTML 78Page - Texas Instruments DRV8353FS Datasheet HTML 79Page - Texas Instruments DRV8353FS Datasheet HTML 80Page - Texas Instruments DRV8353FS Datasheet HTML 81Page - Texas Instruments DRV8353FS Datasheet HTML 82Page - Texas Instruments DRV8353FS Datasheet HTML 83Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4219112/A 07/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RTA0040B
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
(0.2) TYP
0.8 MAX
0.05
0.00
PIN 1 INDEX AREA
6.1
5.9
6.1
5.9
4.15±0.1
2X 4.5
2X
4.5
36X 0.5
40X
0.28
0.16
40X
0.5
0.3
SEATING PLANE
C
1
PIN1 IDENTIFICATION
(OPTIONAL)
10
11
20
21
30
31
40
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com