Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 10Page - Texas Instruments SN6505ADBVT Datasheet HTML 11Page - Texas Instruments SN6505ADBVT Datasheet HTML 12Page - Texas Instruments SN6505ADBVT Datasheet HTML 13Page - Texas Instruments SN6505ADBVT Datasheet HTML 14Page - Texas Instruments SN6505ADBVT Datasheet HTML 15Page - Texas Instruments SN6505ADBVT Datasheet HTML 16Page - Texas Instruments SN6505ADBVT Datasheet HTML 17Page - Texas Instruments SN6505ADBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Load Current (mA)
0
20
40
60
80 100 120 140 160 180 200 220
5
6
7
8
9
10
11
12
13
14
SN6505B + Wurth 78931812512
VCC= 5V
Figure 6-41. Output Voltage vs Load Current
Load Current (mA)
0
20
40
60
80 100 120 140 160 180 200 220
0
10
20
30
40
50
60
70
80
90
100
SN6505B + Wurth 78931812512
VCC= 5V
Figure 6-42. Efficiency vs Load Current
Load Current (mA)
0
20
40
60
80 100 120 140 160 180 200 220
8
9
10
11
12
13
14
15
16
SN6505B + Wurth 78931812515
VCC= 5V
Figure 6-43. Output Voltage vs Load Current
Load Current (mA)
0
20
40
60
80 100 120 140 160 180 200 220
0
10
20
30
40
50
60
70
80
90
100
SN6505B + Wurth 78931812515
VCC= 5V
Figure 6-44. Efficiency vs Load Current
Temperature (qC)
-75
-25
25
75
125
400
410
420
430
440
450
D004
VCC = 2.25 V
VCC = 5.5 V
Figure 6-45. Frequency vs Free-Air Temperature
External Frequency (kHz)
100
400
700
1000
1300
1600
0
0.5
1
1.5
2
2.5
3
D002
VCC = 2.25 V
VCC = 5.5 V
Figure 6-46. Current vs External Frequency
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com