Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN6505ADBVT Datasheet HTML 1Page - Texas Instruments SN6505ADBVT Datasheet HTML 2Page - Texas Instruments SN6505ADBVT Datasheet HTML 3Page - Texas Instruments SN6505ADBVT Datasheet HTML 4Page - Texas Instruments SN6505ADBVT Datasheet HTML 5Page - Texas Instruments SN6505ADBVT Datasheet HTML 6Page - Texas Instruments SN6505ADBVT Datasheet HTML 7Page - Texas Instruments SN6505ADBVT Datasheet HTML 8Page - Texas Instruments SN6505ADBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
6.5 Electrical Characteristics
over full-range of recommended operating conditions, unless otherwise noted. All typical values are at TA = 25°C, VCC = 5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE SUPPLY
I(Vcc)
Supply Current (2.8 V < VC C < 5.5)
(SN6505A)
RL = 50 Ω
1
1.4
mA
Supply Current (2.8 V < VC C < 5.5)
(SN6505B)
RL = 50 Ω
1.56
2.3
mA
IIH
Leakage Current on EN and CLK pin
EN / CLK = VCC
10
20
µA
IDIS
VCC current for EN = 0
0.1
µA
ILKG(D1)
ILKG(D2)
Leakage Current on D1,D2 for EN=0
Voltage of D1,D2 = VCC
0.1
µA
VCC+ (UVLO) Positive-going UVLO threshold
2.25
V
VCC- (UVLO) Negative-going UVLO threshold
1.7
V
VHYS (UVLO1) UVLO threshold hysteresis
0.3
V
VIN(ON)
EN, CLK pin logic high threshold
0.7
VCC
VIN(OFF)
EN, CLK pin logic low threshold
0.3
VCC
VIN(HYS)
EN, CLK pin threshold hysteresis
0.2
VCC
CLK
FSW
D1, D2 average switching Frequency
(SN6505A)
RL = 50 Ω to VCC; Refer to Figure 7-3
138
160
203
Khz
D1, D2 average switching Frequency
(SN6505B)
RL = 50 Ω to VCC; Refer to Figure 7-3.
363
424
517
kHz
F(EXT)
External clock frequency on CLK pin
(SN6505A)
100
600
kHz
External clock frequency on CLK pin
(SN6505B)
100
1600
kHz
OUTPUT STAGE
DMM
Average ON time mismatch between D1
and D2
RL = 50 Ω
0%
R(ON)
Output switch on resistance
VCC = 4.5 V, ID1,ID2 = 1 A
0.16
0.25
Ω
VCC = 2.8 V, ID1,ID2 = 1 A
0.19
0.31
Ω
VCC = 2.25 V, ID1,ID2 = 0.5 A
0.21
0.45
Ω
V(SLEW)
Voltage slew rates on D1 and D2 for
SN6505A
RL = 50 Ω to VCC; Refer to Figure 7-3
48
V/µs
I(SLEW)
Current slew rates at D1 and D2 for
SN6505A
RL = 5 Ω through transformer;
Refer to Figure 7-4
11
A/µs
V(SLEWHF)
Voltage slew rates on D1 and D2 for
SN6505B
RL = 50 Ω to VCC; Refer to Figure 7-3
152
V/µs
I(SLEWHF)
Current slew rates at D1 and D2 for
SN6505B
RL = 5 Ω through transformer;
Refer to Figure 7-4
41
A/µs
ILIM
Current clamp limit (2.8 V < VCC < 5.5V )
1.42
1.75
2.15
A
Current clamp limit (2.25 V < VCC < 2.8 V)
0.65
1.85
A
THERMAL SHUT DOWN
TSD+
TSD turn on temperature
154
168
181
°C
TSD-
TSD turn off temperature
135
150
166
°C
TSD-
TSD hysteresis
13
17
°C
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com