Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 17Page - Texas Instruments SN6505ADBVT Datasheet HTML 18Page - Texas Instruments SN6505ADBVT Datasheet HTML 19Page - Texas Instruments SN6505ADBVT Datasheet HTML 20Page - Texas Instruments SN6505ADBVT Datasheet HTML 21Page - Texas Instruments SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments SN6505ADBVT Datasheet HTML 24Page - Texas Instruments SN6505ADBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The SN6505 is a transformer driver designed for low-cost, small form-factor, isolated DC/DC converters
using the push-pull topology. The device includes an oscillator that feeds a gate-drive circuit. The gate-drive,
comprising a frequency divider and a break-before-make (BBM) logic, provides two complementary output
signals which alternately turn the two output transistors on and off.
Vcc
GND
GND
D2
SN6505
D1
S
S
G2
G1
fOSC
Freq.
Divider
OSC
BBM
Logic
Q1
Q2
Q1 on
Q2 on
Q2 off
tBBM
Q1 off
Copyright © 2016, Texas Instruments Incorporated
Figure 9-1. Block Diagram and Output Timing With Break-Before-Make Action
The output frequency of the oscillator is divided down by an asynchronous divider that provides two
complementary output signals, S and S, with a 50% duty cycle. A subsequent break-before-make logic inserts
a dead-time between the high-pulses of the two signals. The resulting output signals, G1 and G2, present the
gate-drive signals for the output transistors Q1 and Q2. As shown in Figure 9-2, before either one of the gates
can assume logic high, there must be a short time period during which both signals are low and both transistors
are high-impedance. This short period, known as break-before-make time, is required to avoid shorting out both
ends of the primary.
Figure 9-2. Detailed Output Signal Waveforms
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com