Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 25 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 21Page - Texas Instruments SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments SN6505ADBVT Datasheet HTML 24Page - Texas Instruments SN6505ADBVT Datasheet HTML 25Page - Texas Instruments SN6505ADBVT Datasheet HTML 26Page - Texas Instruments SN6505ADBVT Datasheet HTML 27Page - Texas Instruments SN6505ADBVT Datasheet HTML 28Page - Texas Instruments SN6505ADBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
9.2.2.4 Capacitor Selection
The capacitors in the converter circuit in Figure 9-8 are multi-layer ceramic chip (MLCC) capacitors.
As with all high speed CMOS ICs, the device requires a bypass capacitor in the range of 10 nF to 100 nF.
The input bulk capacitor at the center-tap of the primary supports large currents into the primary during the fast
switching transients. For minimum ripple make this capacitor 1 μF to 10 μF. In a 2-layer PCB design with a
dedicated ground plane, place this capacitor close to the primary center-tap to minimize trace inductance. In a
4-layer board design with low-inductance reference planes for ground and VIN, the capacitor can be placed at
the supply entrance of the board. To ensure low-inductance paths use two vias in parallel for each connection to
a reference plane or to the primary center-tap.
The bulk capacitor at the rectifier output smooths the output voltage. Make this capacitor 1 μF to 10 μF.
The small capacitor at the regulator input is not necessarily required. However, good analog design practice
suggests, using a small value of 47 nF to 100 nF improves the regulator’s transient response and noise
rejection.
The LDO output capacitor buffers the regulated output for the subsequent isolator and transceiver circuitry. The
choice of output capacitor depends on the LDO stability requirements specified in the data sheet. However, in
most cases, a low-ESR ceramic capacitor in the range of 4.7 μF to 10 μF will satisfy these requirements.
9.2.2.5 Transformer Selection
9.2.2.5.1 V-t Product Calculation
To prevent a transformer from saturation its V-t product must be greater than the maximum V-t product applied
by the device. The maximum voltage delivered by the device is the nominal converter input plus 10%. The
maximum time this voltage is applied to the primary is half the period of the lowest frequency at the specified
input voltage. Therefore, the transformer’s minimum V-t product is determined through:
max
IN-max
min
IN-max
min
T
V
Vt
V
=
2
2
f
³
´
´
(3)
Taking an example of fmin as 138 kHz for SN6505A and 363 kHZ for SN6505B with a 5 V supply, Equation 3
yields the minimum V-t products of:
.
min
min
5.5 V
Vt
= 20 Vμs
for SN6505A, and
2
138 kHz
5.5 V
Vt
= 7.6 Vμs for SN6505B applications
2
363 kHz
³
´
³
´
(4)
Common V-t values for low-power center-tapped transformers range from 22 Vμs to 150 Vμs with typical
footprints of 10 mm x 12 mm. However, transformers specifically designed for PCMCIA applications provide as
little as 11 Vμs and come with a significantly reduced footprint of 6 mm x 6 mm only.
While Vt-wise all of these transformers can be driven by the device, other important factors such as isolation
voltage, transformer wattage, and turns ratio must be considered before making the final decision.
9.2.2.5.2 Turns Ratio Estimate
Assume the rectifier diodes and linear regulator has been selected. Also, it has been determined that the
transformer chosen must have a V-t product of at least 11 Vμs. However, before searching the manufacturer
web sites for a suitable transformer, the user still needs to know its minimum turns ratio that allows the push-pull
converter to operate flawlessly over the specified current and temperature range. This minimum transformation
ratio is expressed through the ratio of minimum secondary to minimum primary voltage multiplied by a correction
factor that takes the transformer’s typical efficiency of 97% into account:
VP-min = VIN-min - VDS-max
(5)
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com