Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 16Page - Texas Instruments SN6505ADBVT Datasheet HTML 17Page - Texas Instruments SN6505ADBVT Datasheet HTML 18Page - Texas Instruments SN6505ADBVT Datasheet HTML 19Page - Texas Instruments SN6505ADBVT Datasheet HTML 20Page - Texas Instruments SN6505ADBVT Datasheet HTML 21Page - Texas Instruments SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments SN6505ADBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
8.4 Device Functional Modes
The functional modes of the device are divided into start-up, operating, and off-mode.
8.4.1 Start-Up Mode
When the supply voltage at VCC ramps up to 2.25 V , the internal oscillator starts operating . The output stage
begins switching but the amplitude of the drain signals at D1 and D2 has not reached its full maximum yet.
8.4.1.1 Soft-Start
SN6505A and SN6505B devices support soft-start feature. Upon power up or when EN pin transitions from Low
to High, the gate drive of the output power-MOSFET is gradually increased over a period of time from 0 V to
VCC. Soft-start prevents high inrush current from VCC while charging large secondary side decoupling capacitors,
and also prevents overshoot in secondary voltage during power-up.
8.4.2 Operating Mode
When the device supply has reached its nominal value ±10% the oscillator is fully operating. However variations
over supply voltage and operating temperature can vary the switching frequencies at D1 and D2.
8.4.3 Shutdown-Mode
The device has a dedicated enable pin to put the device in very low power mode to save power when not in use.
Enable pin has an internal pull down resistor which keeps device disabled when not driven. When disabled or
when VCC is < 1.7 V , both drain outputs, D1 and D2, are tri-stated.
8.4.4 Spread Spectrum Clocking
Radiated emissions is an important concern in high current switching power supplies. SN6505 addresses this by
modulating its internal clock in such a way that the emitting energy is spread over multiple frequency bins. This
Spread Spectrum clocking feature greatly improves the emissions performance of the entire power supply block
and hence relieves the system designer from one major concern in isolated power supply design.
8.4.5 External Clock Mode
The SN6505 has a CLK pin which can be used to synchronize the device with system clock and in turn with
other SN6505 devices so that the system can control the exact switching frequency of the device. The Rising
edge of the CLK is used to divide a clock by two and used to drive the gates. Figure 9-2 shows the timing
diagram for the same. The device also has external clock fail safe feature which automatically switches the
device to the internal clock if a valid input clock is not present for long (tCLKTIMER). The in-built emissions
reduction scheme of Spread Spectrum clocking is disabled when external clock is present.
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com