Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 26 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments SN6505ADBVT Datasheet HTML 24Page - Texas Instruments SN6505ADBVT Datasheet HTML 25Page - Texas Instruments SN6505ADBVT Datasheet HTML 26Page - Texas Instruments SN6505ADBVT Datasheet HTML 27Page - Texas Instruments SN6505ADBVT Datasheet HTML 28Page - Texas Instruments SN6505ADBVT Datasheet HTML 29Page - Texas Instruments SN6505ADBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
VS-min must be large enough to allow for a maximum voltage drop, VF-max, across the rectifier diode and still
provide sufficient input voltage for the regulator to remain in regulation. From the Section 9.2.2.2 section, this
minimum input voltage is known and by adding VF-max gives the minimum secondary voltage with:
VS-min = VF-max + VDO-max + VO-max
(6)
Q
VIN
VF
RL
RDS
VDS
VDO
VP
VI
VO
VS
Figure 9-6. Establishing the Required Minimum Turns Ratio Through Nmin = 1.031 × VS-min / VP-min
Then calculating the available minimum primary voltage, VP-min, involves subtracting the maximum possible
drain-source voltage of the device, VDS-max, from the minimum converter input voltage VIN-min:
VP-min = VIN-min – VDS-max
(7)
VDS-max however, is the product of the maximum RDS(on) and ID values for a given supply specified in the data
sheet:
VDS-max = RDS-max × IDmax
(8)
Then inserting Equation 8 into Equation 7 yields:
VP-min = VIN-min - RDS-max x IDmax
(9)
and inserting Equation 9 and Equation 6 into Equation 5 provides the minimum turns ration with:
F-max
DO-max
O-max
min
IN-min
DS-max
D-max
V
+ V
+ V
n
= 1.031
V
R
I
´
-
´
(10)
Example:
For a 3.3 VIN to 5 VOUT converter using the rectifier diode MBR0520L and the 5 V LDO, the data sheet values
taken for a load current of 600 mA and a maximum temperature of 85°C are VF-max = 0.2 V,
VDO-max = 0.5 V, and VO-max = 5.1 V.
Then assuming that the converter input voltage is taken from a 3.3 V controller supply with a maximum ±2%
accuracy makes VIN-min = 3.234 V. Finally the maximum values for drain-source resistance and drain current at
3.3 V are taken from the data sheet with RDS-max = 0.31 Ω and ID-max = 1 A.
Inserting the values above into Equation 10 yields a minimum turns ratio of:
min
0.2 V + 0.5 V + 5.1 V
n
= 1.031
= 2.05
3.234 V
0.31 Ω
1 A
´
-
´
(11)
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com