| Electronic Components Datasheet Search |
|
SN6505ADBVT Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN6505ADBVT Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 43 page ![]() 8 Detailed Description 8.1 Overview The SN6505 is a transformer driver designed for low-cost, small form-factor, isolated DC/DC converters utilizing the push-pull topology. The device includes an oscillator that feeds a gate-drive circuit. The gate-drive, comprising a frequency divider and a break-before-make (BBM) logic, provides two complementary output signals which alternately turn the two output transistors on and off. The output frequency of the oscillator is divided down by two . A subsequent break-before-make logic inserts a dead-time between the high-pulses of the two signals. Before either one of the gates can assume logic high, the BBM logic ensures a short time period during which both signals are low and both transistors are high-impedance. This short period, is required to avoid shorting out both ends of the primary. The resulting output signals, present the gate-drive signals for the output transistors. 8.2 Functional Block Diagram OSC MOSFET Driver D1 D2 TEMP ÷ 2 UVLO I-LIM SSC GND GND EN VCC CLK Ext CLK Detect 8.3 Feature Description 8.3.1 Push-Pull Converter Push-pull converters require transformers with center-taps to transfer power from the primary to the secondary (see Figure 8-1). C CR1 CR2 Q1 Q2 VIN VOUT RL C CR1 CR2 Q1 Q2 VIN VOUT RL Figure 8-1. Switching Cycles of a Push-Pull Converter When Q1 conducts, VIN drives a current through the lower half of the primary to ground, thus creating a negative voltage potential at the lower primary end with regards to the VIN potential at the center-tap. At the same time the voltage across the upper half of the primary is such that the upper primary end is positive with regards to the center-tap in order to maintain the previously established current flow through Q2, which now has turned high-impedance. The two voltage sources, each of which equaling VIN, appear in series and cause a voltage potential at the open end of the primary of 2×VIN with regards to ground. Per dot convention the same voltage polarities that occur at the primary also occur at the secondary. The positive potential of the upper secondary end therefore forward biases diode CR1. The secondary current starting from the upper secondary end flows through CR1, charges capacitor C, and returns through the load impedance RL back to the center-tap. SN6505A, SN6505B SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023 www.ti.com 18 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: SN6505A SN6505B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |