Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 18Page - Texas Instruments SN6505ADBVT Datasheet HTML 19Page - Texas Instruments SN6505ADBVT Datasheet HTML 20Page - Texas Instruments SN6505ADBVT Datasheet HTML 21Page - Texas Instruments SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments SN6505ADBVT Datasheet HTML 24Page - Texas Instruments SN6505ADBVT Datasheet HTML 25Page - Texas Instruments SN6505ADBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
9.2 Typical Application
IN
EN
NC
OUT
1
5
4
3
10µF
0.1µF
VIN = 3.3V
10µF
MBR0520L
MBR0520L
1:2.2
10µF
3
1
D2
SN6505
D1
Vcc
6
2
GND
EN
4
VOUT-REG = 5V
TPS76350
2
GND
VOUT
CLK
5
CLOCK
ENABLE
Copyright © 2016, Texas Instruments Incorporated
Figure 9-3. Typical Application Schematic
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 9-1 as design parameters.
Table 9-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
3.3 V ± 3%
Output voltage
5 V
Maximum load current
100 mA
9.2.2 Detailed Design Procedure
The following recommendations on components selection focus on the design of an efficient push-pull converter
with high current drive capability. Contrary to popular belief, the output voltage of the unregulated converter
output drops significantly over a wide range in load current. The characteristic curve in Figure 6-1 and Figure
6-11 for example, shows that the difference between VOUT at minimum load and VOUT at maximum load exceeds
a transceiver’s supply range. Therefore, in order to provide a stable, load independent supply while maintaining
maximum possible efficiency the implementation of a low dropout regulator (LDO) is strongly advised.
The final converter circuit is shown in Figure 9-8. The measured VOUT and efficiency characteristics for the
regulated and unregulated outputs are shown in Figure 6-2 and Figure 6-12.
9.2.2.1 Drive Capability
The transformer driver is designed for low-power push-pull converters with input and output voltages in the range
of 2.25 V to 5.5 V. While converter designs with higher output voltages are possible, care must be taken that
higher turns ratios don’t lead to primary currents that exceed the specified current limits of the device.
9.2.2.2 LDO Selection
The minimum requirements for a suitable low dropout regulator are:
• Its current drive capability should slightly exceed the specified load current of the application to prevent the
LDO from dropping out of regulation. Therefore, for a load current of 600 mA, choose a 600 mA to 750 mA
LDO. While regulators with higher drive capabilities are acceptable, they also usually possess higher dropout
voltages that will reduce overall converter efficiency.
• The internal dropout voltage, VDO, at the specified load current should be as low as possible to maintain
efficiency. For a low-cost 750 mA LDO, a VDO of 600 mV at 750 mA is common. Be aware; however, that
this lower value is usually specified at room temperature and can increase by a factor of 2 over temperature,
which in turn will raise the required minimum input voltage.
• The required minimum input voltage preventing the regulator from dropping out of line regulation is given
with:
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com