Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 2Page - Texas Instruments SN6505ADBVT Datasheet HTML 3Page - Texas Instruments SN6505ADBVT Datasheet HTML 4Page - Texas Instruments SN6505ADBVT Datasheet HTML 5Page - Texas Instruments SN6505ADBVT Datasheet HTML 6Page - Texas Instruments SN6505ADBVT Datasheet HTML 7Page - Texas Instruments SN6505ADBVT Datasheet HTML 8Page - Texas Instruments SN6505ADBVT Datasheet HTML 9Page - Texas Instruments SN6505ADBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
CLK
tCLKTIMER Duration after which device switches to internal clock in case of invalid external
clock
10
25
µs
OUTPUT STAGE
tBBM
Break-before-make time
(SN6505A)
Measured as voltage with RL = 50 Ω to VCC,
Refer to Figure 7-3
115
ns
Break-before-make time
(SN6505B)
Measured as voltage with RL = 50 Ω to VCC,
Refer to Figure 7-3
90
ns
SOFT-START
tSS
Soft-start time
10% to 90% transition time on VOUT With
transformer CLOAD = 40 µF
RL = 5 Ω
1
4.25
8
ms
tSSdelay
Soft-start time delay
From power up to 90% transition time on
VOUT With transformer CLOAD = 40 µF
RL = 5 Ω
3.5
8.5
18
ms
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com