Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 34 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 34 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 30Page - Texas Instruments SN6505ADBVT Datasheet HTML 31Page - Texas Instruments SN6505ADBVT Datasheet HTML 32Page - Texas Instruments SN6505ADBVT Datasheet HTML 33Page - Texas Instruments SN6505ADBVT Datasheet HTML 34Page - Texas Instruments SN6505ADBVT Datasheet HTML 35Page - Texas Instruments SN6505ADBVT Datasheet HTML 36Page - Texas Instruments SN6505ADBVT Datasheet HTML 37Page - Texas Instruments SN6505ADBVT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
11 Layout
11.1 Layout Guidelines
• The VIN pin must be buffered to ground with a low-ESR ceramic bypass-capacitor. The recommended
capacitor value can range from 1 μF to 10 μF. The capacitor must have a voltage rating of 10 V minimum and
a X5R or X7R dielectric.
• The optimum placement is closest to the VIN and GND pins at the board entrance to minimize the loop area
formed by the bypass-capacitor connection, the VIN terminal, and the GND pin. See Figure 11-1 for a PCB
layout example.
• The connections between the device D1 and D2 pins and the transformer primary endings, and the
connection of the device VCC pin and the transformer center-tap must be as close as possible for minimum
trace inductance.
• The connection of the device VCC pin and the transformer center-tap must be buffered to ground with a
low-ESR ceramic bypass-capacitor. The recommended capacitor value can range from 1μF to 10 μF. The
capacitor must have a voltage rating of 16 V minimum and a X5R or X7R dielectric.
• The device GND pins must be tied to the PCB ground plane using two vias for minimum inductance.
• The ground connections of the capacitors and the ground plane should use two vias for minimum inductance.
• The rectifier diodes should be Schottky diodes with low forward voltage in the 10 mA to 100 mA current range
to maximize efficiency.
• The VOUT pin must be buffered to ISO-Ground with a low-ESR ceramic bypass-capacitor. The recommended
capacitor value can range from 1μF to 10 μF. The capacitor must have a voltage rating of 16 V minimum and
a X5R or X7R dielectric.
11.2 Layout Example
Figure 11-1. Layout Example of a 2-Layer Board
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com