Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 19 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 15Page - Texas Instruments SN6505ADBVT Datasheet HTML 16Page - Texas Instruments SN6505ADBVT Datasheet HTML 17Page - Texas Instruments SN6505ADBVT Datasheet HTML 18Page - Texas Instruments SN6505ADBVT Datasheet HTML 19Page - Texas Instruments SN6505ADBVT Datasheet HTML 20Page - Texas Instruments SN6505ADBVT Datasheet HTML 21Page - Texas Instruments SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
When Q2 conducts, Q1 goes high-impedance and the voltage polarities at the primary and secondary reverse.
Now the lower end of the primary presents the open end with a 2×VIN potential against ground. In this case CR2
is forward biased while CR1 is reverse biased and current flows from the lower secondary end through CR2,
charging the capacitor and returning through the load to the center-tap.
8.3.2 Core Magnetization
Figure 8-2 shows the ideal magnetizing curve for a push-pull converter with B as the magnetic flux density and
H as the magnetic field strength. When Q1 conducts the magnetic flux is pushed from A to A’, and when Q2
conducts the flux is pulled back from A’ to A. The difference in flux and thus in flux density is proportional to the
product of the primary voltage, VP, and the time, tON, it is applied to the primary: B ≈ VP × tON.
R
DS
B
H
A
A’
VIN
VP
V
DS
V
IN = VP + VDS
Figure 8-2. Core Magnetization and Self-Regulation Through Positive Temperature Coefficient of RDS(on)
This volt-seconds (V-t) product is important as it determines the core magnetization during each switching cycle.
If the V-t products of both phases are not identical, an imbalance in flux density swing results with an offset from
the origin of the B-H curve. If balance is not restored, the offset increases with each following cycle and the
transformer slowly creeps toward the saturation region.
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com