Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 29 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 25Page - Texas Instruments SN6505ADBVT Datasheet HTML 26Page - Texas Instruments SN6505ADBVT Datasheet HTML 27Page - Texas Instruments SN6505ADBVT Datasheet HTML 28Page - Texas Instruments SN6505ADBVT Datasheet HTML 29Page - Texas Instruments SN6505ADBVT Datasheet HTML 30Page - Texas Instruments SN6505ADBVT Datasheet HTML 31Page - Texas Instruments SN6505ADBVT Datasheet HTML 32Page - Texas Instruments SN6505ADBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Table 9-3. Recommended Isolation Transformers Optimized for the Device
TURNS
RATIO
V × T
(Vμs)
ISOLATION
(VRMS)
DIMENSIONS
(mm)
APPLICATION
LDO(1)
ORDER NO.
MANUFACTURER
1:1.1 ±2%
7
2500
6.73 x 10.05 x 4.19
3.3 V → 3.3 V, 100mA, SN6505B
Refer to Figure 6-13 and Figure 6-14
No
760390011
Wurth Electronics /
Midcom
1:1.1 ±2%
11
5 V → 5 V, 100mA, SN6505B
Refer to Figure 6-15 and Figure 6-16
760390012
1:1.7 ±2%
3.3 V → 5 V, 100mA, SN6505B
Refer to Figure 6-17 and Figure 6-18
760390013
1:1.3 ±2%
3.3 V → 3.3 V, 100mA, SN6505B
Refer to Figure 6-19 and Figure 6-20
Yes
760390014
1:1.3 ±2%
5 V → 5 V, 100mA, SN6505B
Refer to Figure 6-21 and Figure 6-22
760390014
1:2.1 ±2%
3.3 V → 5 V, 100mA, SN6505B
Refer to Figure 6-23 and Figure 6-24
760390015
1.23:1 ±2%
5 V → 3.3 V, 100mA, SN6505B
750313710
1:1.7 ±2%
8.9
8.3 x 12.6 x 4.1
3.3 V → 3.3 V, 1A, SN6505B
Refer to Figure 6-25 and Figure 6-26
750316028
1:2.1 ±2%
3.3 V → 5 V, 1A, SN6505B
Refer to Figure 6-27 and Figure 6-28
No
750316029
1.3:1 ±2%
10.8
5 V → 3.3 V, 1A, SN6505B
Refer to Figure 6-29 and Figure 6-30
750316030
1:1.1 ±2%
8.6
3.3 V → 3.3 V , 1A , SN6505B
5 V → 5 V , 1A , SN6505B
Refer to Figure 6-11 and Figure 6-12
750315371
1:1.1 ±2%
11
5000
9.14 x 12.7 x 7.37
3.3 V → 3.3 V, 100mA, SN6505B
750313734
1:1.1 ±2%
5 V → 5 V, 100mA, SN6505B
750313734
1:1.7 ±2%
3.3 V → 5 V, 100mA, SN6505B
750313769
1:1.3 ±2%
3.3 V → 3.3 V, 100mA, SN6505B
5 V → 5 V, 100mA, SN6505B
Yes
750313638
1:2.1 ±2%
3.3 V → 5 V, 100mA, SN6505B
750313626
1.3:1 ±2%
5 V → 3.3 V, 100mA , SN6505B
No
750313638
1:1.75 ±2%
41
12.32 x 15.41 x 11.05
3.3 V → 3.3 V, 1A, SN6505A
Refer to Figure 6-3 and Figure 6-4
Yes
750316031
1:2 ±2%
3.3 V → 5 V, 1A, SN6505A
Refer to Figure 6-5 and Figure 6-6
No
750316032
1.3:1 ±2%
42
5.0 V → 3.3 V, 1A, SN6505A
Refer to Figure 6-7 and Figure 6-8
750316033
1:1.1 ±2%
23
12.32 x 15.41 x 11.89
3.3 V → 3.3 V, 1A, SN6505A
5 V → 5 V, 1A , SN6505A
Refer to Figure 6-1 and Figure 6-2
750315240
1:3.5 ±2%
9
9.14 x 12.95 x 7.62
5 V → 17.5 V, 100mA,SN6505B
Refer to Figure 6-31, and Figure 6-32
750342879
1:3.9 ±2%
9.17 x 12.7 x 7.62
5V → 19.5 V, 100mA,SN6505B
Refer to Figure 6-33, and Figure 6-34
750343725
1:3.75 ±2%
9.5
2500
8.3 x 12.6 x 4.1
5V → 18.75 V, 100mA,SN6505B
Refer to Figure 6-35, andFigure 6-35
78931812518
1:4.75 ±2%
5V → 23.75V, 100mA,SN6505B
Refer to Figure 6-37, and Figure 6-38
78931812523
1:2.5 ±2%
5V → 12.5V, 200mA,SN6505B
Refer to Figure 6-39, and Figure 6-40
78931812512
1:3.13 ±2%
5V → 15.65V, 200mA,SN6505B
Refer to Figure 6-41, and Figure 6-42
78931812515
1:3.5 ±2%
16
6000
9.14 x 12.7 x 7.62
5V → 17.5V, 100mA,SN6505B
Refer to Figure 6-43, and Figure 6-44
750320340
1:1.3 ±3%
11
5000
10.4 x 12.2 x 6.1
3.3 V → 3.3 V, 300mA, SN6505B
5 V → 5 V, 300mA , SN6505B
No
HCT-SM-1.3-8-2
Bourns
1:1.1 ±2%
9.2
2500
7.01 x 11 x 4.19
3.3 V → 3.3 V, 150mA, SN6505B
5 V → 5 V, 150mA , SN6505B
No
EPC3668G-LF
PCA Electronics
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com