Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 23 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 19Page - Texas Instruments SN6505ADBVT Datasheet HTML 20Page - Texas Instruments SN6505ADBVT Datasheet HTML 21Page - Texas Instruments SN6505ADBVT Datasheet HTML 22Page - Texas Instruments SN6505ADBVT Datasheet HTML 23Page - Texas Instruments SN6505ADBVT Datasheet HTML 24Page - Texas Instruments SN6505ADBVT Datasheet HTML 25Page - Texas Instruments SN6505ADBVT Datasheet HTML 26Page - Texas Instruments SN6505ADBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
VI-min = VDO-max + VO-max
(1)
This means in order to determine VI for worst-case condition, the user must take the maximum values for VDO
and VO specified in the LDO data sheet for rated output current (that is, 600 mA) and add them together. Also
specify that the output voltage of the push-pull rectifier at the specified load current is equal or higher than
VI-min. If it is not, the LDO will lose line-regulation and any variations at the input passes straight through to
the output. Hence, below VI-min the output voltage follows the input and the regulator behaves like a simple
conductor.
• The maximum regulator input voltage must be higher than the rectifier output under no-load. Under this
condition there is no secondary current reflected back to the primary, thus making the voltage drop across
RDS-on negligible and allowing the entire converter input voltage to drop across the primary. At this point, the
secondary reaches its maximum voltage of
VS-max = VIN-max × n
(2)
with VIN-max as the maximum converter input voltage and n as the transformer turns ratio. Thus to prevent the
LDO from damage the maximum regulator input voltage must be higher than VS-max. Table 9-2 lists the maximum
secondary voltages for various turns ratios commonly applied in push-pull converters.
Table 9-2. Required Maximum LDO Input Voltages for Various Push-Pull Configurations
PUSH-PULL CONVERTER
LDO
CONFIGURATION
VIN-max [V]
TURNS-RATIO
VS-max [V]
VI-max [V]
3.3 VIN to 3.3 VOUT
3.6
1.5 ± 3%
5.6
6 to 10
3.3 VIN to 5 VOUT
3.6
2.2 ± 3%
8.2
10
5 VIN to 5 VOUT
5.5
1.5 ± 3%
8.5
10
9.2.2.3 Diode Selection
A rectifier diode should always possess low-forward voltage to provide as much voltage to the converter output
as possible. When used in high-frequency switching applications, such as the SN6505 however, the diode
must also possess a short recovery time. Schottky diodes meet both requirements and are therefore strongly
recommended in push-pull converter designs. A good choice for low-volt applications and ambient temperatures
of up to 85°C is the low-cost Schottky rectifier MBR0520L with a typical forward voltage of 275 mV at 100-mA
forward current. For higher output voltages such as ±10 V and above use the MBR0530 which provides a higher
DC blocking voltage of 30 V.
Lab measurements have shown that at temperatures higher than 100°C the leakage currents of the above
Schottky diodes increase significantly. This can cause thermal runaway leading to the collapse of the rectifier
output voltage. Therefore, for ambient temperatures higher than 85°C use low-leakage Schottky diodes, such as
RB168MM-40.
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com