Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 31 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 27Page - Texas Instruments SN6505ADBVT Datasheet HTML 28Page - Texas Instruments SN6505ADBVT Datasheet HTML 29Page - Texas Instruments SN6505ADBVT Datasheet HTML 30Page - Texas Instruments SN6505ADBVT Datasheet HTML 31Page - Texas Instruments SN6505ADBVT Datasheet HTML 32Page - Texas Instruments SN6505ADBVT Datasheet HTML 33Page - Texas Instruments SN6505ADBVT Datasheet HTML 34Page - Texas Instruments SN6505ADBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
9.2.4 System Examples
9.2.4.1 Higher Output Voltage Designs
The device can drive push-pull converters that provide high output voltages of up to 30 V, or bipolar outputs of
up to ±15 V. Using commercially available center-tapped transformers, with their rather low turns ratios of 0.8 to
5, requires different rectifier topologies to achieve high output voltages. Figure 9-9 to Figure 9-11 show some of
these topologies together with their respective open-circuit output voltages.
n
VIN
V
= +n·V
OUT
IN
V
= -n·V
OUT
IN
Figure 9-9. Bridge Rectifier With Center-Tapped
Secondary Enables Bipolar Outputs
n
V
IN
V
OUT = 2n·VIN
Figure 9-10. Bridge Rectifier Without Center-
Tapped Secondary Performs Voltage Doubling
n
VIN
V
OUT = 4n·VIN
Figure 9-11. Half-Wave Rectifier Without Centered Ground and Center-Tapped Secondary Performs
Voltage Doubling Twice, Hence Quadrupling VIN
9.2.4.2 Application Circuits
The following application circuits are shown for a 3.3 V input supply commonly taken from the local,
regulated microcontroller supply. For 5 V input voltages requiring different turn ratios refer to the transformer
manufacturers and their web sites listed in Table 9-4.
Table 9-4. Transformer Manufacturers
MANUFACTURER
MORE INFORMATION
Coilcraft Inc.
http://www.coilcraft.com
Halo-Electronics Inc.
http://www.haloelectronics.com
Murata Power Solutions
http://www.murata-ps.com
Wurth Electronics Midcom Inc
http://www.midcom-inc.com
www.ti.com
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com