Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 32 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 28Page - Texas Instruments SN6505ADBVT Datasheet HTML 29Page - Texas Instruments SN6505ADBVT Datasheet HTML 30Page - Texas Instruments SN6505ADBVT Datasheet HTML 31Page - Texas Instruments SN6505ADBVT Datasheet HTML 32Page - Texas Instruments SN6505ADBVT Datasheet HTML 33Page - Texas Instruments SN6505ADBVT Datasheet HTML 34Page - Texas Instruments SN6505ADBVT Datasheet HTML 35Page - Texas Instruments SN6505ADBVT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
VCC1
VCC2
GND1
GND2
16
12
2,7,8
9,10,15
UCA0TXD
UCA0RXD
P3.0
12
16
11
4
XOUT
XIN
5
6
2
MSP430F2132
1
3
4
5
6
0.1 F
0.1 F
ISO3082
ISO3088
Isolation Barrier
4.7nF/2kV
SM712
10
MELF
0.1 F
DVss
DVcc
10 F
0.1 F
MBR0520L
MBR0520L
1:2.2
0.1 F
3
1
D2
SN6505
D1
Vcc
4,6
2, 5
GND
IN
EN
GND
OUT
1
5
2
3
TPS76350
10 F
10 F
10
MELF
VIN
3.3V
5VISO
R
RE
DE
D
B
A
13
P3.1
12
Figure 9-12. Isolated RS-485 Interface
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com