Electronic Components Datasheet Search
  English  ▼

X  

SN6505ADBVT Datasheet(PDF) 30 Page - Texas Instruments

Part # SN6505ADBVT
Description  SN6505x Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6505ADBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button SN6505ADBVT Datasheet HTML 26Page - Texas Instruments SN6505ADBVT Datasheet HTML 27Page - Texas Instruments SN6505ADBVT Datasheet HTML 28Page - Texas Instruments SN6505ADBVT Datasheet HTML 29Page - Texas Instruments SN6505ADBVT Datasheet HTML 30Page - Texas Instruments SN6505ADBVT Datasheet HTML 31Page - Texas Instruments SN6505ADBVT Datasheet HTML 32Page - Texas Instruments SN6505ADBVT Datasheet HTML 33Page - Texas Instruments SN6505ADBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Table 9-3. Recommended Isolation Transformers Optimized for the Device (continued)
TURNS
RATIO
V × T
(Vμs)
ISOLATION
(VRMS)
DIMENSIONS
(mm)
APPLICATION
LDO(1)
ORDER NO.
MANUFACTURER
1:1.5 ±3%
34.4
2500
10 x 12.07 x 5.97
3.3 V → 3.3 V, 1A, SN6505A/B
5 V → 5 V, 1A , SN6505A/B
Yes
DA2303-AL
Coilcraft
1:2.2 ±3%
21.5
2500
10 x 12.07 x 5.97
3.3 V → 5 V, 1A, SN6505A/B
DA2304-AL
(1)
For configurations with LDO, a higher voltage than the required output voltage is generated, to allow for LDO drop-out. Figures show
the voltage and efficiency at the LDO input.
9.2.3 Application Curves
See theSection 6.7 and Section 6.8 for application curves with transformers optimized for the device, providing
high efficiency and small form factor at low-cost.
SN6505A, SN6505B
SLLSEP9I – SEPTEMBER 2015 – REVISED AUGUST 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN6505A SN6505B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com