Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 12Page - Texas Instruments TPS737 Datasheet HTML 13Page - Texas Instruments TPS737 Datasheet HTML 14Page - Texas Instruments TPS737 Datasheet HTML 15Page - Texas Instruments TPS737 Datasheet HTML 16Page - Texas Instruments TPS737 Datasheet HTML 17Page - Texas Instruments TPS737 Datasheet HTML 18Page - Texas Instruments TPS737 Datasheet HTML 19Page - Texas Instruments TPS737 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
5.7 Typical Characteristics (continued)
for all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 1 V, IOUT = 10 mA, VEN = 2.2 V, and COUT = 2.2 μF (unless otherwise
noted)
10 s/div
m
100mV/div
V
OUT
I
OUT
250mA
10mA
C
=10 F
m
OUT
C
=10nF
FB
R =39.2kW
1
Legacy silicon
Figure 5-49. TPS73701 Load Transient, Adjustable Version
New silicon, COUT = 10μF tantalum
Figure 5-50. TPS73701 Load Transient, Adjustable Version
5 s/div
m
100mV/div
V
OUT
V
IN
4.5V
3.5V
C
=10 F
m
OUT
V
=2.5V
OUT
C
=10nF
FB
Legacy silicon
Figure 5-51. TPS73701 Line Transient, Adjustable Version
5
s/div
COUT = 10F
3.5V
4.5V
VOUT = 2.5V, CFB = 10nF
VOUT
VIN
New silicon, COUT = 10μF tantalum
Figure 5-52. TPS73701 Line Transient, Adjustable Version
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com