Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 20Page - Texas Instruments TPS737 Datasheet HTML 21Page - Texas Instruments TPS737 Datasheet HTML 22Page - Texas Instruments TPS737 Datasheet HTML 23Page - Texas Instruments TPS737 Datasheet HTML 24Page - Texas Instruments TPS737 Datasheet HTML 25Page - Texas Instruments TPS737 Datasheet HTML 26Page - Texas Instruments TPS737 Datasheet HTML 27Page - Texas Instruments TPS737 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
160
140
120
100
80
60
40
20
0
0
1
2
3
4
5
6
7
8
9
10
Board Copper Area (
)
in
2
DCQ
DRV
DRB
RθJA value at board size of 9 in2 (that is, 3 in × 3 in) is a JEDEC standard.
Figure 7-9. RθJA vs Board Size
Figure 7-9 shows the variation of RθJA as a function of ground plane copper area in the board. Figure 7-9 is
intended only as a guideline to demonstrate the effects of heat spreading in the ground plane and is not intended
to be used to estimate actual thermal performance in real application environments.
Note
When the device is mounted on an application PCB, use ΨJT and ΨJB, as explained in the Thermal
Information table.
7.5.1.2 Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately 160°C, allowing
the device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit can cycle on and off. This cycling limits the dissipation of the regulator, protecting the regulator from
damage caused by overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heat sink. For reliable operation, limit junction temperature to 125°C maximum. To estimate the margin of safety
in a complete design (including heat sink), increase the ambient temperature until the thermal protection is
triggered; use worst-case loads and signal conditions. For good reliability, thermal protection must trigger at least
35°C above the maximum expected ambient condition of the application. This buffer produces a worst-case
junction temperature of 125°C at the highest expected ambient temperature and worst-case load.
The internal protection circuitry of the TPS737 is designed to protect against overload conditions. This circuitry is
not intended to replace proper heat sinking. Continuously running the TPS737 into thermal shutdown degrades
device reliability.
7.5.1.3 Estimating Junction Temperature
Using the thermal metrics ΨJT and ΨJB, as shown in the Thermal Information table, the junction temperature can
be estimated with corresponding formulas (given in Equation 8). For backward compatibility, an older θJC,Top
parameter is listed as well.
Y
Y
JT
J
T
JT
D
:T =T +
P
·
Y
Y
JB
J
B
JB
D
:T =T +
P
·
(8)
where:
• PD is the power dissipation shown by Equation 6
• TT is the temperature at the center-top of the device package
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com