Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 1 Page - Texas Instruments

  TPS737 Datasheet HTML 1Page - Texas Instruments TPS737 Datasheet HTML 2Page - Texas Instruments TPS737 Datasheet HTML 3Page - Texas Instruments TPS737 Datasheet HTML 4Page - Texas Instruments TPS737 Datasheet HTML 5Page - Texas Instruments TPS737 Datasheet HTML 6Page - Texas Instruments TPS737 Datasheet HTML 7Page - Texas Instruments TPS737 Datasheet HTML 8Page - Texas Instruments TPS737 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
1 Features
• Stable with 1μF or larger ceramic output capacitor
• Input voltage range: 2.2V to 5.5V
• Ultra-low dropout voltage
– Legacy silicon: 130mV typical at 1A
– New silicon: 122mV typical at 1A
• Excellent load transient response—even with only
1μF output capacitor
• NMOS topology delivers low reverse leakage
current
• Initial accuracy: 1%
• Overall accuracy over line, load, and temperature
– Legacy silicon: 3%
– New silicon: 1.5%
• Less than 20nA typical IQ in shutdown mode
• Thermal shutdown and current limit for fault
protection
• Available in multiple output voltage versions:
– Adjustable output: 1.20V to 5.5V
– Custom outputs available using factory
package-level programming
2 Applications
• Point-of-load regulation for DSPs, FPGAs, ASICs,
and microprocessors
• Post-regulation for switching supplies
• Portable and battery-powered equipment
3 Description
The TPS737 linear low-dropout (LDO) voltage
regulator uses an NMOS pass transistor in a voltage-
follower configuration. This topology is relatively
insensitive to the output capacitor value and ESR,
allowing for a wide variety of load configurations. Load
transient response is excellent, even with a small 1μF
ceramic output capacitor. The NMOS topology also
allows for very low dropout.
The TPS737 uses an advanced BiCMOS process to
yield high precision while delivering very low dropout
voltages and low ground pin current. Devices that use
the latest manufacturing flow have an updated design
with new silicon on the latest TI process technology.
Current consumption, when not enabled, is less than
20nA and is designed for portable applications. This
device is protected by thermal shutdown and foldback
current limit.
For applications that require higher output voltage
accuracy,
consider
TI's
TPS7A37
1%
overall
accuracy, 1A low-dropout voltage regulator.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TPS737
DRB (VSON, 8)
3mm × 3mm
DCQ (SOT-223, 6)
6.5mm × 7.06mm
DRV (WSON, 6)
2mm × 2mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information .
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TPS737xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
Optional
1.0 F
m
OFF
ON
Typical Application Circuit
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS737 TI1-TPS737 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS737 TI1-TPS737 Datasheet
3Mb / 49P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
TPS737 TI1-TPS737 Datasheet
3Mb / 48P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
TPS737 TI-TPS737 Datasheet
3Mb / 52P
TPS737 1A Low-Dropout Regulator With Reverse Current Protection
SEPTEMBER 2024
More results

Similar Description - TPS737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com