Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 3 Page - Texas Instruments

  TPS737 Datasheet HTML 1Page - Texas Instruments TPS737 Datasheet HTML 2Page - Texas Instruments TPS737 Datasheet HTML 3Page - Texas Instruments TPS737 Datasheet HTML 4Page - Texas Instruments TPS737 Datasheet HTML 5Page - Texas Instruments TPS737 Datasheet HTML 6Page - Texas Instruments TPS737 Datasheet HTML 7Page - Texas Instruments TPS737 Datasheet HTML 8Page - Texas Instruments TPS737 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TABISGND
6
Figure 4-1. DCQ Package, 6-Pin SOT-223 (Top View)
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
Figure 4-2. DRB Package, 8-Pin VSON (Top View)
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
A.
Power dissipation can limit operating range. Check the Thermal
Information table.
Figure 4-3. DRV Package(A), 6-Pin WSON
(Top View)
Table 4-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
SOT-223
VSON
WSON
IN
1
8
6
I
Unregulated input supply
GND
3, 6
4, Pad
3, Pad
—
Ground
EN
5
5
4
I
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
the regulator into shutdown mode. See the Enable Pin and Shutdown section
for more details. EN must not be left floating and can be connected to IN if not
used.
NR
4
3
2
—
Fixed voltage versions only—connecting an external capacitor to this pin
bypasses noise generated by the internal band gap, reducing output noise
to very low levels.
FB
4
3
2
I
Adjustable voltage version only—this is the input to the control loop error
amplifier, and is used to set the output voltage of the device.
OUT
2
1
1
O
Regulator output. A 1.0-μF or larger capacitor of any type is required for
stability.
NC
—
2, 6, 7
5
—
Not connected
(1)
I = Input; O = Output
www.ti.com
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com