Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 15Page - Texas Instruments TPS737 Datasheet HTML 16Page - Texas Instruments TPS737 Datasheet HTML 17Page - Texas Instruments TPS737 Datasheet HTML 18Page - Texas Instruments TPS737 Datasheet HTML 19Page - Texas Instruments TPS737 Datasheet HTML 20Page - Texas Instruments TPS737 Datasheet HTML 21Page - Texas Instruments TPS737 Datasheet HTML 22Page - Texas Instruments TPS737 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
The TPS737 uses an internal charge pump to develop an internal supply voltage sufficient to drive the gate of
the NMOS pass transistor above VOUT. The charge pump generates approximately 250 μV of switching noise
at approximately 4 MHz; however, charge-pump noise contribution is negligible at the output of the regulator for
most values of IOUT and COUT.
6.3.2 Internal Current Limit
The TPS737 internal current limit helps protect the regulator during fault conditions. Foldback current limit helps
protect the regulator from damage during output short-circuit conditions by reducing current limit when VOUT
drops below 0.5 V. See Figure 5-17 in the Typical Characteristics section.
From Figure 5-17, approximately –0.2 V of VOUT results in a current-limit of 0 mA. Therefore, if OUT is forced
below –0.2 V before EN goes high, the device can possibly not start up. In applications that work with both a
positive and negative voltage supply, the TPS737 must be enabled first.
6.3.3 Enable Pin and Shutdown
The enable pin (EN) is active high and compatible with standard TTL-CMOS levels. VEN below 0.5 V (maximum)
turns the regulator off and drops the GND pin current to approximately 10 nA. When EN is used to shutdown the
regulator, all charge is removed from the pass transistor gate. A VEN above 1.7 V (minimum) turns the regulator
on and the output ramps back up to a regulated VOUT (see Figure 5-39).
When shutdown capability is not required, EN can be connected to VIN. However, the pass transistor can
possibly not be discharged using this configuration, and the pass transistor can be left on (enhanced) for
a significant time after VIN is removed. This scenario can result in reverse current flow (if the IN pin is
low impedance) and faster ramp times upon power up. In addition, for VIN ramp times slower than a few
milliseconds, the output can overshoot upon power up.
Current limit foldback can prevent device start-up under some conditions. See the Internal Current Limit section
for more information.
6.3.4 Reverse Current
The NMOS pass transistor of the TPS737 provides inherent protection against current flow from the output of the
regulator to the input when the gate of the pass transistor is pulled low. To make sure that all charge is removed
from the gate of the pass transistor, the EN pin must be driven low before the input voltage is removed. If the EN
pin is not driven low, the pass transistor can be left on because of stored charge on the gate.
After the EN pin is driven low, no bias voltage is needed on any pin for reverse current blocking. Reverse
current is specified as the current flowing out of the IN pin because of voltage applied on the OUT pin. There is
additional current flowing into the OUT pin as a result of the 80-kΩ internal resistor divider to ground (see Figure
6-1 and Figure 6-2 ).
For the TPS73701, reverse current can flow when VFB is more than 1.0 V above VIN.
6.4 Device Functional Modes
Driving the EN pin over 1.7 V turns on the regulator. Driving the EN pin below 0.5 V causes the regulator to enter
shutdown mode. In shutdown, the current consumption of the device is reduced to 20 nA, typically.
www.ti.com
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com