Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS737
Description  TPS737 1A, Low-Dropout Regulator With Reverse Current Protection
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 5 Page - Texas Instruments

  TPS737 Datasheet HTML 1Page - Texas Instruments TPS737 Datasheet HTML 2Page - Texas Instruments TPS737 Datasheet HTML 3Page - Texas Instruments TPS737 Datasheet HTML 4Page - Texas Instruments TPS737 Datasheet HTML 5Page - Texas Instruments TPS737 Datasheet HTML 6Page - Texas Instruments TPS737 Datasheet HTML 7Page - Texas Instruments TPS737 Datasheet HTML 8Page - Texas Instruments TPS737 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5.5 Thermal Information
THERMAL METRIC(1)
TPS737 Legacy silicon(2)
UNIT
DRB (VSON)
DCQ (SOT-223)
DRV (WSON)(3)
8 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance(4)
49.5
53.1
67.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance(5)
58.9
35.2
87.6
°C/W
RθJB
Junction-to-board thermal resistance(6)
25.1
7.8
36.8
°C/W
ψJT
Junction-to-top characterization parameter(7)
1.7
2.9
1.8
°C/W
ψJB
Junction-to-board characterization parameter(8)
25.2
7.7
37.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance(9)
8.6
N/A
7.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
(2)
Thermal data for the DRB, DCQ, and DRV packages are derived by thermal simulations based on JEDEC-standard methodology
as specified in the JESD51 series. The following assumptions are used in the simulations:
(a) i. DRB: The exposed pad is connected to the PCB ground layer through a 2×2 thermal via array.
ii. DCQ: The exposed pad is connected to the PCB ground layer through a 3×2 thermal via array.
iii. DRV: The exposed pad is connected to the PCB ground layer through a 2×2 thermal via array. Due to size limitation of thermal pad,
0.8mm pitch array is used which is off the JEDEC standard.
(b) The top copper layer has a detailed copper trace pattern. The bottom copper layer is assumed to have a 20% thermal conductivity
of copper, representing a 20% copper coverage.
(c) These data are generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3inch × 3inch copper area.
To understand the effects of the copper area on thermal performance, see the Power Dissipation and Estimating Junction Temperature
sections of this data sheet.
(3)
Power dissipation can limit operating range.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board,
as specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the
PCB temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is
extracted from the simulation data to obtain RθJA using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is
extracted from the simulation data to obtain RθJA using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No
specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
www.ti.com
TPS737
SBVS067W – JANUARY 2006 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com